Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT34063APS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT34063APS
Description  DC-to-DC Converter Control Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT34063APS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT34063APS Datasheet HTML 1Page - Richtek Technology Corporation RT34063APS Datasheet HTML 2Page - Richtek Technology Corporation RT34063APS Datasheet HTML 3Page - Richtek Technology Corporation RT34063APS Datasheet HTML 4Page - Richtek Technology Corporation RT34063APS Datasheet HTML 5Page - Richtek Technology Corporation RT34063APS Datasheet HTML 6Page - Richtek Technology Corporation RT34063APS Datasheet HTML 7Page - Richtek Technology Corporation RT34063APS Datasheet HTML 8Page - Richtek Technology Corporation RT34063APS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT34063A
2
DS34063A-13
March 2007
www.richtek.com
Function Block Diagram
1
8
COMP
SC
TC
SQ
R
Q2
100
Comparator
2
3
4
5
6
7
SE
VCC
IPK
DRIVER
GND
IPK
CT
Oscillator
1.25V
Reference
Regulator
Q1
+
-
Typical Application Circuit
SQ
R
I
PK
C
T
OSC
1.25V
Ref
COMP
170uH
L
+
-
1
2
3
4
5
6
7
8
180
R
SC
0.22
V
IN
12V
100uF
R1
2.2K
R2
47K
C
O
330uF
V
OUT
28V/175mA
1N5819
Optional Filter
1.0uH
100uF
V
OUT
C
T
1500pF
Figure 1. Step-up Converter


Similar Part No. - RT34063APS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT34063A ETC-RT34063A Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063ACN ETC-RT34063ACN Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063ACS ETC-RT34063ACS Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063AMN ETC-RT34063AMN Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
RT34063AMS ETC-RT34063AMS Datasheet
280Kb / 13P
   DC-to-DC Converter Control Circuits
More results

Similar Description - RT34063APS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com