Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4732A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # DL4732A
Description  SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DL4732A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  DL4732A Datasheet HTML 1Page - Pan Jit International Inc. DL4732A Datasheet HTML 2Page - Pan Jit International Inc. DL4732A Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-FEB.26.2007
FIG. 1 POWER DERATING CURVE
50
0
0.2
0.4
0.6
0.8
1.0
100
150
200
250
AMBIENT TEMPERATURE, C
O
Fig.2 BREAKDOWN CHARACTERISTICS
Vz (V)
5
10
15
20
25
0
20
40
60
80
100
30
RATING AND CHARACTERISTIC CURVES


Similar Part No. - DL4732A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4732A RECTRON-DL4732A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4732A DACHANG-DL4732A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
DL4732A LEIDITECH-DL4732A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4732A DCCOM-DL4732A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL4732A SECOS-DL4732A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
More results

Similar Description - DL4732A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com