Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB1ZSU2515533290653 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # CB1ZSU2515533290653
Description  100GHz WDM Filter Components for OADM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1ZSU2515533290653 Datasheet(HTML) 3 Page - Bookham, Inc.

  CB1ZSU2515533290653 Datasheet HTML 1Page - Bookham, Inc. CB1ZSU2515533290653 Datasheet HTML 2Page - Bookham, Inc. CB1ZSU2515533290653 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
Ordering Information
100GHz Filter numbering convention
North America
Bookham Worldwide
Headquarters
2584 Junction Ave.
San Jose
CA 95134
USA
• Tel: +1 408 919 1500
• Fax: +1 408 919 6083
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807
sales@bookham.com
Important Notice
Performance figures, data and any
illustrative material provided in this data
sheet are typical and must be specifically
confirmed in writing by Bookham before
they become applicable to any particular
order or contract. In accordance with the
Bookham policy of continuous
improvement specifications may change
without notice. The publication of
information in this data sheet does not
imply freedom from patent or other
protective rights of Bookham or others.
Further details are available from any
Bookham sales representative.
100G_060320
C B 1 S L U 3 2 1 5 5 3 3 2 9 0 6 5 3
PACKAGE TYPE
S = STD (5.5 mm dia)
C = COMPACT (3.2 mm dia)
H = INNER HOUSING ONLY
R = RUGGED (See Spec)
Z = CUSTOM (See Spec)
G = ALL GLASS
FIBER TYPE
CONNECTOR TYPE
LU = LC/UPC
FU = FC/UPC
FA = FC/APC
SU = SC/UPC
SA = SC/APC
MU = MU
…..
NA = NONE
CC = COMBO (See Spec)
1 = 900 um Loose Tube
2 = 2 mm Jacketed
3 = 250 um Bare Fiber
4 = 900 um Tight Buffer
9 = See S
FIBER LENGTH
1 = 1 Meter Min.
2 = 2 Meter Min.
3 = 3 Meter Min.
4 = 1.5 Meter Min.
5 = 2.5 Meter Min.
6 = 1-1.5 Meter
7 = 0.9-1.0 Meter
8 = Multiple
9 = See Specification
pecification
CENTER WAVELENGTH (nm)
SPEC#
(4 digit)
1553329 = 1553.329
or
FREQUENCY (THz)
F193000 = 193.000


Similar Part No. - CB1ZSU2515533290653

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1ZSU211553329 BOOKHAM-CB1ZSU211553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1ZSU211560200 BOOKHAM-CB1ZSU211560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1ZSU211560200 BOOKHAM-CB1ZSU211560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1ZSU221553329 BOOKHAM-CB1ZSU221553329 Datasheet
262Kb / 4P
   PON Filter for FTTx 1310/1490/1550nm
CB1ZSU221560200 BOOKHAM-CB1ZSU221560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Similar Description - CB1ZSU2515533290653

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB2SLU1115533290653 BOOKHAM-CB2SLU1115533290653 Datasheet
93Kb / 3P
   200GHz WDM Filter Components for OADM
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
logo
TDK Electronics
B39751B8317P810 TDK-B39751B8317P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for Femtocell
logo
OPLINK Communications I...
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
logo
TDK Electronics
B39202B9610P810 TDK-B39202B9610P810 Datasheet
163Kb / 8P
   SAW Components SAW Filter for smallcells
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com