Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD251DG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD251DG4
Description  CAN TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD251DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD251DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 9Page - Texas Instruments SN65HVD251DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
93.5 V
Recessive
Dominant
O(CANH)
V
O(CANL)
V
92.5 V
91.5 V
+
_
CANH
CANL
D
VI
VOD
RS
60 W + 1%
330 W + 1%
330 W + 1%
–7 V 3 VTEST 3 12 V
Rs
CANH
CANH
D
10%
90%
0.9V
0 V
0.5V
(see Note A)
+
_
RL =
60 W +1%
CL =
50 pF +20%
(see Note B)
VO
VI
VI(Rs)
tPLH
tPHL
VCC
VO(D)
VO(R)
tf
tr
VI
VO
VCC/2
VCC/2
CANH
CANL
R
VID
IO
VO
VI(CANH)
VI(CANL)
VI(CANH) + VI(CANL)
2
VIC =
SN65HVD251
SLLS545C – NOVEMBER 2002 – REVISED SEPTEMBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 2. Bus Logic State Voltage Definitions
Figure 3. Driver VOD
Figure 4. Driver Test Circuit and Voltage Waveforms
Figure 5. Receiver Voltage and Current Definitions
6


Similar Part No. - SN65HVD251DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251DG4 TI1-SN65HVD251DG4 Datasheet
927Kb / 27P
[Old version datasheet]   INDUSTRIAL CAN TRANSCEIVER
More results

Similar Description - SN65HVD251DG4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com