Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55-C3V6 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BZX55-C3V6
Description  AXIAL LEAD ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX55-C3V6 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BZX55-C3V6 Datasheet HTML 1Page - Pan Jit International Inc. BZX55-C3V6 Datasheet HTML 2Page - Pan Jit International Inc. BZX55-C3V6 Datasheet HTML 3Page - Pan Jit International Inc. BZX55-C3V6 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-SEP.14.2004
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
m
e
d
o
c
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
4
V
2
C
-
5
5
X
Z
B
4
.
2
8
2
.
2
6
5
.
2
5
8
0
.
5
0
0
6
0
.
1
0
5
0
.
1
4
V
2
C
5
5
7
V
2
C
-
5
5
X
Z
B
7
.
2
0
5
.
2
0
9
.
2
5
8
0
.
5
0
0
6
0
.
1
0
1
0
.
1
7
V
2
C
5
5
0
V
3
C
-
5
5
X
Z
B
0
.
3
0
8
.
2
0
2
.
3
5
8
0
.
5
0
0
6
0
.
1
0
.
4
0
.
1
0
V
3
C
5
5
3
V
3
C
-
5
5
X
Z
B
3
.
3
0
1
.
3
0
5
.
3
5
8
0
.
5
0
0
6
0
.
1
0
.
2
0
.
1
3
V
3
C
5
5
6
V
3
C
-
5
5
X
Z
B
6
.
3
0
4
.
3
0
8
.
3
5
8
0
.
5
0
0
6
0
.
1
0
.
2
0
.
1
6
V
3
C
5
5
9
V
3
C
-
5
5
X
Z
B
9
.
3
0
7
.
3
0
1
.
4
5
8
0
.
5
0
0
6
0
.
1
0
.
2
0
.
1
9
V
3
C
5
5
3
V
4
C
-
5
5
X
Z
B
3
.
4
0
0
.
4
0
6
.
4
5
7
0
.
5
0
0
6
0
.
1
0
.
1
0
.
1
3
V
4
C
5
5
7
V
4
C
-
5
5
X
Z
B
7
.
4
0
4
.
4
0
0
.
5
0
6
0
.
5
0
0
6
0
.
1
5
.
0
0
.
1
7
V
4
C
5
5
1
V
5
C
-
5
5
X
Z
B
1
.
5
0
8
.
4
0
4
.
5
5
3
0
.
5
0
5
5
0
.
1
1
.
0
0
.
1
1
V
5
C
5
5
6
V
5
C
-
5
5
X
Z
B
6
.
5
0
2
.
5
0
0
.
6
5
2
0
.
5
0
5
4
0
.
1
1
.
0
0
.
1
6
V
5
C
5
5
2
V
6
C
-
5
5
X
Z
B
2
.
6
0
8
.
5
0
6
.
6
0
1
0
.
5
0
0
2
0
.
1
1
.
0
0
.
2
2
V
6
C
5
5
8
V
6
C
-
5
5
X
Z
B
8
.
6
0
4
.
6
0
2
.
7
8
0
.
5
0
5
1
0
.
1
1
.
0
0
.
3
8
V
6
C
5
5
5
V
7
C
-
5
5
X
Z
B
5
.
7
0
0
.
7
0
9
.
7
7
0
.
5
0
5
0
.
1
1
.
0
0
.
5
5
V
7
C
5
5
2
V
8
C
-
5
5
X
Z
B
2
.
8
0
7
.
7
0
7
.
8
7
0
.
5
0
5
0
.
1
1
.
0
0
.
6
2
V
8
C
5
5
1
V
9
C
-
5
5
X
Z
B
1
.
9
0
5
.
8
0
6
.
9
0
1
0
.
5
0
5
0
.
1
1
.
0
0
.
7
1
V
9
C
5
5
0
1
C
-
5
5
X
Z
B
0
.
0
1
0
4
.
9
0
6
.
0
1
5
1
0
.
5
0
7
0
.
1
1
.
0
5
.
7
V
0
1
C
5
5
1
1
C
-
5
5
X
Z
B
0
.
1
1
0
4
.
0
1
0
6
.
1
1
0
2
0
.
5
0
7
0
.
1
1
.
0
5
.
8
V
1
1
C
5
5
2
1
C
-
5
5
X
Z
B
0
.
2
1
0
4
.
1
1
0
7
.
2
1
0
2
0
.
5
0
9
0
.
1
1
.
0
0
.
9
V
2
1
C
5
5
3
1
C
-
5
5
X
Z
B
0
.
3
1
0
4
.
2
1
0
1
.
4
1
6
2
0
.
5
0
1
1
0
.
1
1
.
0
0
.
0
1
V
3
1
C
5
5
5
1
C
-
5
5
X
Z
B
0
.
5
1
0
8
.
3
1
0
6
.
5
1
0
3
0
.
5
0
1
1
0
.
1
1
.
0
0
.
1
1
V
5
1
C
5
5
6
1
C
-
5
5
X
Z
B
0
.
6
1
0
3
.
5
1
0
1
.
7
1
0
4
0
.
5
0
7
1
0
.
1
1
.
0
0
.
2
1
V
6
1
C
5
5
8
1
C
-
5
5
X
Z
B
0
.
8
1
0
8
.
6
1
0
1
.
9
1
0
5
0
.
5
0
7
1
0
.
1
1
.
0
0
.
4
1
V
8
1
C
5
5
0
2
C
-
5
5
X
Z
B
0
.
0
2
0
8
.
8
1
0
2
.
1
2
5
5
0
.
5
0
2
2
0
.
1
1
.
0
0
.
5
1
V
0
2
C
5
5
2
2
C
-
5
5
X
Z
B
0
.
2
2
0
8
.
0
2
0
3
.
3
2
5
5
0
.
5
0
2
2
0
.
1
1
.
0
0
.
7
1
V
2
2
C
5
5
4
2
C
-
5
5
X
Z
B
0
.
4
2
0
8
.
2
2
0
6
.
5
2
0
8
0
.
5
0
2
2
0
.
1
1
.
0
0
.
8
1
V
4
2
C
5
5
7
2
C
-
5
5
X
Z
B
0
.
7
2
0
1
.
5
2
0
9
.
8
2
0
8
0
.
5
0
2
2
0
.
1
1
.
0
0
.
0
2
V
7
2
C
5
5
0
3
C
-
5
5
X
Z
B
0
.
0
3
0
0
.
8
2
0
0
.
2
3
0
8
0
.
5
0
2
2
0
.
1
1
.
0
0
.
2
2
V
0
3
C
5
5
3
3
C
-
5
5
X
Z
B
0
.
3
3
0
0
.
1
3
0
0
.
5
3
0
8
0
.
5
0
2
2
0
.
1
1
.
0
0
.
4
2
V
3
3
C
5
5
6
3
C
-
5
5
X
Z
B
0
.
6
3
0
0
.
4
3
0
0
.
8
3
0
8
0
.
5
0
2
2
0
.
1
1
.
0
0
.
7
2
V
6
3
C
5
5
9
3
C
-
5
5
X
Z
B
0
.
9
3
0
0
.
7
3
0
0
.
1
4
0
9
5
.
2
0
0
5
0
.
1
1
.
0
0
.
0
3
V
9
3
C
5
5
3
4
C
-
5
5
X
Z
B
0
.
3
4
0
0
.
0
4
0
0
.
6
4
0
9
5
.
2
0
0
6
0
.
1
1
.
0
0
.
3
3
V
3
4
C
5
5
7
4
C
-
5
5
X
Z
B
0
.
7
4
0
0
.
4
4
0
0
.
0
5
0
1
1
5
.
2
0
0
7
0
.
1
1
.
0
0
.
6
3
V
7
4
C
5
5


Similar Part No. - BZX55-C3V6

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX55-C3V6 GE-BZX55-C3V6 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX55-C3V6 MCC-BZX55-C3V6 Datasheet
154Kb / 3P
   500 mWatt Zener Diode 2.42 to 47 Volts
logo
Taiwan Semiconductor Co...
BZX55-C3V6 TSC-BZX55-C3V6 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
GOOD-ARK Electronics
BZX55-C3V6 GOOD-ARK-BZX55-C3V6 Datasheet
316Kb / 7P
   Zener Diodes
logo
New Jersey Semi-Conduct...
BZX55-C3V6 NJSEMI-BZX55-C3V6 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX55-C3V6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com