Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9711A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9711A
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9711A Datasheet HTML 1Page - Richtek Technology Corporation RT9711A Datasheet HTML 2Page - Richtek Technology Corporation RT9711A Datasheet HTML 3Page - Richtek Technology Corporation RT9711A Datasheet HTML 4Page - Richtek Technology Corporation RT9711A Datasheet HTML 5Page - Richtek Technology Corporation RT9711A Datasheet HTML 6Page - Richtek Technology Corporation RT9711A Datasheet HTML 7Page - Richtek Technology Corporation RT9711A Datasheet HTML 8Page - Richtek Technology Corporation RT9711A Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9801A/B
1
DS9801AB-11 March 2007
www.richtek.com
Pin Configurations
User Programmable Micro-Power Voltage Detectors
Ordering Information
(TOP VIEW)
SOT-23-6
General Description
The RT9801A/B is a micro-power voltage detector
supervising the power supply voltage level for
microprocessors (
μP) or digital systems. It provides user
programmable threshold levels with 0.1V step ranging
from 1.5V to 5V, which covers most digital applications. It
features low supply current of 3
μA. Selection of VTH is
easily achieved through 3 pins connected to GND, VDD or
floating for different threshold voltage settings. Two versions
of threshold voltages, 1.5V to 4V and 2.5V to 5V, which
are programmed in factory are offered by customer
demands.
The RT9801A/B performs supervisory function by sending
out a reset signal whenever the VDD voltage falls below a
preset threshold level. This reset signal will last the whole
period before VDD recovering. Reset signal will release after
VDD is recovered and last for the whole period of Reset
Active Time-out period.
RT9801A/B is N-Channel, open-drain output and provided
in SOT-23-6 package.
Features
User Programmable Threshold 1.5V to 5V in 0.1V
Step with
±±±±±3% Accuracy
Low Supply Current 3
μμμμμA
Quick Reset within 20
μμμμμs
Built-in Recovery Delay 200ms
Low Functional Supply Voltage 0.9V
Small SOT-23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Computers
Controllers
Intelligent Instruments
Critical
μP and μC Power Monitoring
Portable/Battery-Powered Equipment
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
VSET0 GND RESET
VSET1 VSET2 VDD
4
23
5
6
1
Note : There is no pin1 indicator on top mark for SOT-23-6
type, and pin 1 will be lower left pin when reading top mark
from left to right.
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
Typical Application Circuit
VSET0
GND
RESET
VSET1
VSET2
VDD
RT9801
GND
RESET
VDD
μP
Pull Up
RT9801 V
TH = 2.5V in this example
RT9801
Package Type
E : SOT-23-6
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Reset Threshold
A : 2.5V to 5V
B : 1.5V to 4V


Similar Part No. - RT9711A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9711A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com