Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9702AGB Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9702AGB
Description  80m廓, 500mA/1.1A High-Side Power Switches with Flag
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9702AGB Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9702AGB Datasheet HTML 6Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 7Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 8Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 9Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 10Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 11Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 12Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 13Page - Richtek Technology Corporation RT9702AGB Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT9702/A
10
DS9702/A-11
June 2007
www.richtek.com
Time (10ms / DIV)
12ms
Flag Response
RL=1
Ω
S1=On
CIN=0.1uF,
COUT=33uF
1
Time (50ms / DIV)
S2=On
S3=Off
RL=1
Ω
CIN=33uF
COUT=1uF
S3=On
Thermal Shutdown Response
5
Time (5us / DIV)
Current Limit Transient Respones
VIN=5V,CIN=COUT=33uF
S2=On ,S3=Off,RL=1
Ω
5
VIN=5V, RL=1
Ω
CIN=33uF
S2=On, S3=Off
Short Circuit Current Response
Time (10ms / DIV)
0
1
2
3
4
5
5
COUT=1000uF
COUT=220uF
COUT=1uF
Time (2.5ms / DIV)
Flag Response (Enable into Short Circuit)
CIN=33uF,COUT=1uF
RL=0
Ω , S1=On
12ms (tD)
RT9702CB
1


Similar Part No. - RT9702AGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702A RICHTEK-RT9702A Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
More results

Similar Description - RT9702AGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com