Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9618AGS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9618AGS
Description  Synchronous-Rectified Buck MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9618AGS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9618AGS Datasheet HTML 2Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 3Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 4Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 5Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 6Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 7Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 8Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 9Page - Richtek Technology Corporation RT9618AGS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9618/A
6
DS9618/A-04 March 2007
www.richtek.com
Typical Operating Characteristics
Time (25ns/Div)
PWM to Drive Waveform
PHASE
(10V/Div)
UGATE
(20V/Div)
PWM
(5V/Div)
LGATE
(10V/Div)
No Load
Time (25ns/Div)
PWM to Drive Waveform
PHASE
(10V/Div)
UGATE
(20V/Div)
PWM
(5V/Div)
LGATE
(10V/Div)
No Load
Dead Time
Time (20ns/Div)
30A/CH
PHASE
LGATE
UGATE
(5V/Div)
Dead Time
Time (20ns/Div)
30A/CH
PHASE
LGATE
UGATE
(5V/Div)
High side MOSFET : FR3707Z x 1, Low side MOSFET : LR8113 x 2
Time (1
μs/Div)
Drive Enable
PHASE
(10V/Div)
UGATE
(20V/Div)
LGATE
(10V/Div)
No Load
OD
(2V/Div)
PHASE
(10V/Div)
UGATE
(20V/Div)
LGATE
(10V/Div)
Drive Disable
Time (1
μs/Div)
No Load
OD
(2V/Div)


Similar Part No. - RT9618AGS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9618A RICHTEK-RT9618A Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
More results

Similar Description - RT9618AGS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com