Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE847701 Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HE847701
Description  8-bit Micro-controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 6 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
5. Pad Location
Die Size: X= 9460 µm, Y=4150 µm, and substrate is connected to GND.
Pin No.
Pin name
X Coord. Y-Coord. Pin No.
Pin name
X Coord. Y-Coord.
1
SEG[48]
-4652.4
1615.02
110
SXO
4637.6 -1693.22
2
SEG[47]
-4652.4
1500.02
111
SXI
4637.6 -1578.22
3
SEG[46]
-4652.4
1385.02
112
VDD
4637.6 -1458.22
4
SEG[45]
-4652.4
1270.02
113
PRT10[7]
4637.6 -1343.22
5
SEG[44]
-4652.4
1155.02
114
PRT10[6]
4637.6 -1228.22
6
SGKY[43]
-4652.4
1040.02
115
PRT10[5]
4637.6 -1113.22
7
SGKY[42]
-4652.4
925.02
116
PRT10[4]
4637.6
-998.22
8
SGKY[41]
-4652.4
810.02
117
PRT10[3]
4637.6
-883.22
9
SGKY[40]
-4652.4
695.02
118
PRT10[2]
4637.6
-768.22
10
SGKY[39]
-4652.4
580.02
119
PRT10[1]
4637.6
-653.22
11
SGKY[38]
-4652.4
465.02
120
PRT10[0]
4637.6
-538.22
12
SGKY[37]
-4652.4
350.02
121
PRTD[7]
4637.6
-423.22
13
SGKY[36]
-4652.4
235.02
122
PRTD[6]
4637.6
-308.22
14
SGKY[35]
-4652.4
120.02
123
PRTD[5]
4637.6
-193.22
15
SGKY[34]
-4652.4
5.02
124
PRTD[4]
4637.6
-78.22
16
SGKY[33]
-4652.4
-109.98
125
PRTD[3]
4637.6
36.79
17
SGKY[32]
-4652.4
-224.98
126
PRTD[2]
4637.6
151.79
18
SGKY[31]
-4652.4
-339.98
127
PRTD[1]
4637.6
266.79
19
SGKY[30]
-4652.4
-454.98
128
PRTD[0]
4637.6
381.79
20
SGKY[29]
-4652.4
-569.98
129
GND_PWM
4637.6
496.79
21
SGKY[28]
-4652.4
-684.98
130
PWM
4637.6
621.74
22
SGKY[27]
-4652.4
-799.98
131
PRTC[7]
4637.6
744.24
23
SGKY[26]
-4652.4
-914.98
132
PRTC[6]
4637.6
859.24
24
SGKY[25]
-4652.4
-1029.98
133
PRTC[5]
4637.6
974.24
25
SGKY[24]
-4652.4
-1144.98
134
PRTC[4]
4637.6
1089.24


Similar Part No. - HE847701

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE84770 KB-HE84770 Datasheet
485Kb / 30P
   8-bit Micro-controller
HE84770D KB-HE84770D Datasheet
361Kb / 29P
   8-bit Micro-controller
More results

Similar Description - HE847701

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com