Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF88M32B Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HF88M32B
Description  command interfaced 4M x 8 bit Mask ROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M32B Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M32B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M32B Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
King Billion Electronics Co., Ltd
駿
HF88M32B
January 16, 2004
6
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Die Size: X= 40130 µm, Y=7138 µm, and substrate is connected to GND.
Pad No.
Pad Name
X Coord.
Y Coord. Pad No. Pad Name
X Coord.
Y Coord.
1
NC
-1941.5
3231.86
31
GND
1941.5
-3262.78
2
GND
-1941.5
3008.86
32
GND
1941.5
-3039.78
3
RS0
-1941.5
2785.86
33
GND
1941.5
-2816.78
4
P17
-1941.5
2562.86
34
OEN
1941.5
-2593.78
5
P16
-1941.5
2339.86
35
D0
1941.5
-2370.78
6
P15
-1941.5
2116.86
36
NC
1941.5
-2140.78
7
P14
-1941.5
1893.86
37
D1
1941.5
-1917.78
8
P13
-1941.5
1670.86
38
NC
1941.5
-1687.78
9
P12
-1941.5
1447.86
39
D2
1941.5
-1464.78
10
P11
-1941.5
1224.86
40
NC
1941.5
-1234.78
11
P10
-1941.5
1001.86
41
D3
1941.5
-1011.78
12
WEN
-1941.5
778.86
42
NC
1941.5
-781.78
13
GND
-1941.5
555.86
43
VDD
1941.5
-558.78
14
NC
-1941.5
332.86
44
GND
1941.5
-335.78
15
GND
-1941.5
-34.78
45
VDD
1941.5
-112.78
16
NC
-1941.5
-257.78
46
GND
1941.5
110.22
17
GND
-1941.5
-480.78
47
VDD
1941.5
333.22
18
NC
-1941.5
-703.78
48
GND
1941.5
712.16
19
RS2
-1941.5
-926.78
49
D4
1941.5
935.16
20
RS1
-1941.5
-1149.78
50
NC
1941.5
1165.16
21
P07
-1941.5
-1372.78
51
D5
1941.5
1388.16
22
P06
-1941.5
-1595.78
52
NC
1941.5
1618.16
23
P05
-1941.5
-1818.78
53
D6
1941.5
1841.16
24
P04
-1941.5
-2041.78
54
NC
1941.5
2071.16
25
P03
-1941.5
-2264.78
55
D7
1941.5
2294.16
26
P02
-1941.5
-2487.78
56
NC
1941.5
2517.16
27
P01
-1941.5
-2710.78
57
GND
1941.5
2740.16
28
P00
-1941.5
-2931.48
58
GND
1941.5
2963.16
29
CEN
-1941.5
-3152.18
59
GND
1941.5
3186.16
30
NC
-1941.5
-3372.88
NC: No Connection
6.Device Operation
The device provides the capability of accessing the contents of ROM array by external MCU not through
standard address and data bus configuration but through minimal number of 8-bit data bus and control
pins. Only 11 pins D7 ~ D0, CEn, OEn, WEn are required to use the device as a Data File device. By
fixing the RS2 pin to ‘0’, only CEn, WEn, OEn and D0 ~ D7 are required to access the ROM array data.
The CEn pin is device selection pin to uniquely select one device when more than one device are used in
parallel and control the access to Mask ROM contents and internal registers. Whenever CEn goes high,
the internal Mask ROM will enter standby (power saving) mode and accesses to internal registers are
inhibited. Otherwise, it is in active mode. Therefore, when accessing contents of ROM is not intended, the


Similar Part No. - HF88M32B

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
More results

Similar Description - HF88M32B

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4000 MCNIX-MX23C4000 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L4000 MCNIX-MX23L4000 Datasheet
329Kb / 7P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L4100 MCNIX-MX23L4100 Datasheet
457Kb / 7P
   4M-BIT MASK ROM (8/16 BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com