Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF88S05 Datasheet(PDF) 8 Page - King blillion Electronics Co.,Ltd.

Part # HF88S05
Description  command mode SRAM device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88S05 Datasheet(HTML) 8 Page - King blillion Electronics Co.,Ltd.

Back Button HF88S05 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88S05 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
HF88S05
SRAM Series
December 18, 2003
8
V1.00
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Checksum and SRAM contents can also be read through Serial Interface, too.
The Serial Data Input SDI pin is connected to LSB of internal shift register. With each rising edge of
SCLK pin, the SDI input is shifted into the shift register. At the eighth rising edge of SCLK, the content
of shift Register is transferred from/to registers or SRAM depending on the status of D_Cn and R_Wn.
If R_Wn is at “high” state at the eighth rising edge of SCLK then either the contents of Checksum
Register (if D_Cn is “low”) or SRAM been addressed (if D_Cn is “high”) will be latched into the internal
shift register. Then the contents of Shift Register can be shifted out with the next eight rising edges of
SCLK.
So one thing important should be noted here when using the Serial Data Interface to read checksum
register or SRAM data is that one dummy read should be performed before the real data can be shifted
out from SDO pin.
7.2. Serial Command Write Mode
The sequence of setting up addresses for data transfer is similar to the parallel mode. The register
pointer will be reset by accesses to SRAM data in the same way as the parallel mode does. So
immediately after completion of previous data transfers or when the device is just selected, the command
writes will be made to TPL, TPH then TPP registers and then wrap around. If unsure any time during
the transfer, a dummy data read can be made to reset the register select.
CS0_n
CS1
P_Sn
D_Cn
R_Wn
SDI
SCLK
TP
(TPP, TPH, TPL)
b7
xxxxxx
Series Command Write Mode
SDO
b1
b0
b7
b6
b6
b5
b4
b3
b2
b5
b7
b6
b4
b3
b2
b1
b0
Update TPH
The bit 7 shall be shifted into register first.
Update TPL
7.3. Serial Data Write Mode
With each rising edge of SCLK signal in the serial data write mode (P_Sn @ logic ‘0’, R_Wn @ logic ‘0’,
and D_Cn @ logic ‘1’), the Data on the SDI pin will be shifted into the internal shift register. The content


Similar Part No. - HF88S05

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M32B KB-HF88M32B Datasheet
365Kb / 15P
   command interfaced 4M x 8 bit Mask ROM
More results

Similar Description - HF88S05

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1701 GENERAL-C1701 Datasheet
60Kb / 1P
   COMMAND SERIES
C1800 GENERAL-C1800 Datasheet
60Kb / 1P
   COMMAND SERIES
C1703 GENERAL-C1703 Datasheet
59Kb / 1P
   COMMAND SERIES
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
   Command Expert
logo
General Cable Technolog...
C1801 GENERAL-C1801 Datasheet
60Kb / 1P
   COMMAND SERIES
C1700 GENERAL-C1700 Datasheet
60Kb / 1P
   COMMAND SERIES
C1702 GENERAL-C1702 Datasheet
59Kb / 1P
   COMMAND SERIES
C1707 GENERAL-C1707 Datasheet
60Kb / 1P
   COMMAND SERIES
C1803 GENERAL-C1803 Datasheet
60Kb / 1P
   COMMAND SERIES
C1704 GENERAL-C1704 Datasheet
60Kb / 1P
   COMMAND SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com