Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-45PVL Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9169-45PVL
Description  100mA, 4關A Quiescent Current CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-45PVL Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9169-45PVL Datasheet HTML 1Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 2Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 3Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 4Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 5Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 6Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 7Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 8Page - Richtek Technology Corporation RT9169-45PVL Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9169/H
3
DS9169/H-12
March 2007
www.richtek.com
Electrical Characteristics
(VIN = 5.5V, CIN = 1
μF, COUT = 1μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2
--
6
V
Output Voltage Accuracy
ΔVOUT IL = 1mA
-2
--
+2
%
Maximum Output Current
IMAX
VIN = VOUT + 0.6V, VIN ≥ 3.6V
100
--
--
mA
Current Limit
ILIM
IL = 100mA
150
250
--
mA
No Load
--
4
7
μA
GND Pin Current
IG
IOUT = 100mA
4
10
μA
IOUT = 1mA, VIN ≥ 3.6V
--
4
10
IOUT = 50mA, VIN ≥ 3.6V
--
200
300
Dropout Voltage
VDROP
IOUT = 100mA, VIN ≥ 3.6V
--
450
600
mV
Line Regulation
ΔVLINE
VIN = (VOUT + 0.3V) to 6V,
VIN ≥ 3.6V, IOUT = 1mA
-0.2
--
+0.2
%/V
Load Regulation
ΔVLOAD ILOUT = 0mA to 100mA
--
0.01
0.04
%/mA
Output Noise
eNO
BW = 100Hz to 50kHz
COUT = 10μF
--
250
--
μV
Ripple Rejection
PSRR
F = 1kHz, COUT = 1μF
--
30
--
dB
Standby
Current
RT9169/H (SOT-23-5)
EN = VIN or EN = 0
--
0.1
1
μA
Logic High
VIL
0.6
--
--
EN/EN
Threshold Logic Low
VIH
--
--
2
V
Thermal Shutdown Protection
125
--
--
°C
Application Information
A 1
μF (or larger) capacitor is recommended between VOUT and GND for stability. The part may oscillate without the
capacitor. Any type of capacitor can be used, but not Aluminum electrolytes when operating below –25
°C. The capacitance
may be increased without limit.
A 1
μF capacitor (or larger) should be placed between VIN to GND.
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution is highly recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.


Similar Part No. - RT9169-45PVL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-45PVL RICHTEK-RT9169-45PVL Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results

Similar Description - RT9169-45PVL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
Richtek Technology Corp...
RT9188 RICHTEK-RT9188 Datasheet
157Kb / 10P
   Dual, Ultra-Low Quiescent, 100mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com