Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9591GQV Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9591GQV
Description  Smart Photoflash Capacitor Charger with IGBT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9591GQV Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9591GQV Datasheet HTML 2Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 3Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 4Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 5Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 6Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 7Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 8Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 9Page - Richtek Technology Corporation RT9591GQV Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9591
Preliminary
6
DS9591-07 August 2007
www.richtek.com
Patent Pending
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
VDRV is the IGBT gate driving power. Therefore, setting VDRV voltage must consider IGBT gate threshold voltage, and
its driving capability.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Charge Input High Threshold
--
0.7
1.3
V
Charge Input Low Threshold
0.4
0.7
--
V
Minimum Off Time
VBAT = 1.8V to 6.5V
VDD = 1.8V to 6.5V
280
360
430
ns
IGBT Driver
IGBT Driver Supply Voltage
VVDRV
2.0
--
5.5
V
DRVIN Input High Threshold
--
1.0
1.3
V
DRVIN Input Low Threshold
0.4
1
--
V
DRVOUT On Resistance to VVDRV
VVDRV = 3.3V
--
6
8
Ω
DRVOUT On Resistance to GND
VVDRV = 3.3V
--
6
8
Ω
Propagation Delay (Rising)
--
--
20
ns
Propagation Delay (Falling)
VBAT = 1.8V to 6.5V
VDD = 1.8V to 6.5V
VVDRV = 2V to 6.5V(Note 3)
--
--
200
ns
Voltage Detector
Voltage Detector Trip (Falling)
VFBVD
FBVD Falling
0.96
0.99
1.02
V
VDOUT On Resistance to GND
VDD = 3.3V
--
16
19
Ω


Similar Part No. - RT9591GQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
RT9595 RICHTEK-RT9595 Datasheet
153Kb / 9P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
More results

Similar Description - RT9591GQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9595 RICHTEK-RT9595 Datasheet
153Kb / 9P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
logo
Allegro MicroSystems
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8837 ALLEGRO-A8837 Datasheet
426Kb / 11P
   Photoflash Capacitor Charger with IGBT Driver
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
   High Performance Photoflash Capacitor Charger with IGBT Driver
A8439 ALLEGRO-A8439 Datasheet
567Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver and Refresh
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com