Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD125 Datasheet(PDF) 10 Page - Kingbright Corporation

Part # KD125
Description  LCD driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KD125 Datasheet(HTML) 10 Page - Kingbright Corporation

Back Button KD125 Datasheet HTML 6Page - Kingbright Corporation KD125 Datasheet HTML 7Page - Kingbright Corporation KD125 Datasheet HTML 8Page - Kingbright Corporation KD125 Datasheet HTML 9Page - Kingbright Corporation KD125 Datasheet HTML 10Page - Kingbright Corporation KD125 Datasheet HTML 11Page - Kingbright Corporation KD125 Datasheet HTML 12Page - Kingbright Corporation KD125 Datasheet HTML 13Page - Kingbright Corporation KD125 Datasheet HTML 14Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
King Billion Electronics Co., Ltd
駿
KD125
LCD Driver Series
January 20, 2005
V1.10
This specification is subject to change without notice. Please contact sales person for the latest version before use.
10
LCD pane l, the 0.1uF capacitors are enough, but (1uF~10uF) or bigger capacitors may be necessary for
larger LCD size application..
.
The setup-up voltage circuits
C2
C2
C2
C2
C2
C2
C2
C2
C2
C2
C2
C2
C2
C2
C2
C2
C1
C1
C1
C1
C1
V1
V2
V3
V4
V5
LCAP1A
LCAP1B
LCAP2A
LCAP2B
LCAP3A
LCAP4A
LCAP5A
LGS1
LGS2
LVP
VAG
V1
V2
V3
V4
V5
LCAP1A
LCAP1B
LCAP2A
LCAP2B
LCAP3A
LCAP4A
LCAP5A
LGS1
LGS2
LVP
VAG
LVP=4XVDD=12V
4X set-up voltage circuit
VDD=3V
GND
LVP=3XVDD=9V
VDD=3V
GND
3X set-up voltage circuit


Similar Part No. - KD125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
KD1206PTS1H ETC1-KD1206PTS1H Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
KD1206PTS1V ETC1-KD1206PTS1V Datasheet
935Kb / 6P
   DC BRUSHLESS FAN
More results

Similar Description - KD125

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
   LCD driver
Rev1.0 2015/08/17
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
   LCD driver
Rev 1.0 2015/08/12
logo
Sony Corporation
CXA3562AR SONY-CXA3562AR Datasheet
348Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
   LCD Driver
Version 1.3
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
   LCD Driver
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com