Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-30PVL Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9169-30PVL
Description  100mA, 4關A Quiescent Current CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-30PVL Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9169-30PVL Datasheet HTML 1Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 2Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 3Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 4Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 5Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 6Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 7Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 8Page - Richtek Technology Corporation RT9169-30PVL Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT9169/H
4
DS9169/H-12
March 2007
www.richtek.com
Typical Operating Characteristics
Temperature Stability
1.7
2.1
2.5
2.9
3.3
3.7
-50
-25
0
25
50
75
100
125
Temperature
VOUT =
VOUT =
(
°C)
Quiescient Current vs. Temperature
0
1
2
3
4
5
-30
0
30
60
90
120
Temperature
VIN = 5V
(
°C)
Dropout Voltage (VIN-VOUT)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2040
6080
100
ILOAD (mA)
VOUT = 3.3V
125
°C
25
°C
Short Circuit Current
0
100
200
300
400
500
012345
Input/Output Differential (V)
125
°C
25
°C
PSRR
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
10
100
1k
10k
100k
1M
VIN = 5V, VOUT =
CIN = 1uF, TA = 125
°C
COUT = 1uF Electrolytic
Capacitor
10mA
50mA
PSRR
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
10
100
1k
10k
100k
1M
VIN = 5V, VOUT =
CIN = 1uF, TA = 125
°C
COUT = 1uF Electrolytic
Capacitor
10mA
50mA


Similar Part No. - RT9169-30PVL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-30PVL RICHTEK-RT9169-30PVL Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results

Similar Description - RT9169-30PVL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
Richtek Technology Corp...
RT9188 RICHTEK-RT9188 Datasheet
157Kb / 10P
   Dual, Ultra-Low Quiescent, 100mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com