Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE555CJG Datasheet(PDF) 8 Page - Texas Instruments

Part # SE555CJG
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555CJG Datasheet(HTML) 8 Page - Texas Instruments

Back Button SE555CJG Datasheet HTML 4Page - Texas Instruments SE555CJG Datasheet HTML 5Page - Texas Instruments SE555CJG Datasheet HTML 6Page - Texas Instruments SE555CJG Datasheet HTML 7Page - Texas Instruments SE555CJG Datasheet HTML 8Page - Texas Instruments SE555CJG Datasheet HTML 9Page - Texas Instruments SE555CJG Datasheet HTML 10Page - Texas Instruments SE555CJG Datasheet HTML 11Page - Texas Instruments SE555CJG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
TYPICAL CHARACTERISTICS
5
4
2
1
0
9
3
56
7
8
9
10
11
7
6
8
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
10
12
13
14
15
1
0.995
0.990
0.985
05
10
1.005
1.010
NORMALIZED OUTPUT PULSE DURATION
(MONOSTABLE OPERATION)
vs
SUPPLY VOLTAGE
1.015
15
20
TA = 25°C
TA = 125°C
TA = –55°C
Output Low,
No Load
VCC – Supply Voltage – V
VCC – Supply Voltage – V
Figure 5
Figure 6
1
0.995
0.990
0.985
–75
–25
25
1.005
1.010
NORMALIZED OUTPUT PULSE DURATION
(MONOSTABLE OPERATION)
vs
FREE-AIR TEMPERATURE
1.015
75
125
TA – Free-Air Temperature – °C
150
100
50
0
200
250
300
PROPAGATION DELAY TIME
vs
LOWEST VOLTAGE LEVEL
OF TRIGGER PULSE
Lowest Voltage Level of Trigger Pulse
–50
0
50
100
VCC = 10 V
TA = –55°C
TA = 125°C
TA = 25°C
TA = 0°C
TA = 70°C
0
0.1 x VCC
0.2 x VCC 0.3 x VCC
0.4 x VCC
Figure 7
Figure 8
† Data for temperatures below 0
°C and above 70°C are applicable for SE555 circuits only.


Similar Part No. - SE555CJG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE555C PHILIPS-SE555C Datasheet
120Kb / 7P
   Timer
August 31, 1994
SE555CF PHILIPS-SE555CF Datasheet
120Kb / 7P
   Timer
August 31, 1994
SE555CFE PHILIPS-SE555CFE Datasheet
120Kb / 7P
   Timer
August 31, 1994
SE555CN PHILIPS-SE555CN Datasheet
120Kb / 7P
   Timer
August 31, 1994
More results

Similar Description - SE555CJG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
   Quad Integrated High-Side Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
   Dual USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com