Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-PMPQW Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9011-PMPQW
Description  Portable Power Management 300mA Dual LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-PMPQW Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9011-PMPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 11Page - Richtek Technology Corporation RT9011-PMPQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9011
Preliminary
10
DS9011-05 August 2007
www.richtek.com
Figure 3. Derating Curves for RT9011 Packages
For recommended operating conditions specification of
RT9011, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for TSOT-23-6 package
is 220
°C/W and WDFN-8L 2x2 is 165°C/W on the standard
JEDEC 51-3 single-layer thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula :
PD(MAX) = ( 125
°C - 25°C ) / 220 = 0.455 W for TSOT-23-6
packages
PD(MAX) = ( 125
°C - 25°C ) / 165 = 0.606 W for
WDFN-8L 2x2 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9011 packages, the Figure 3 of de-
rating curves allows the designer to see the effect of rising
ambient temperature on the maximum power allowed.
Power Dissipation vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
Ambient Temperature (
°C)
WDFN-8L 2x2
TSOT-23-6


Similar Part No. - RT9011-PMPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-PMPQW RICHTEK-RT9011-PMPQW Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-PMPQWC RICHTEK-RT9011-PMPQWC Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-PMPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com