Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE555 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SE555
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555 Datasheet(HTML) 5 Page - Texas Instruments

  SE555 Datasheet HTML 1Page - Texas Instruments SE555 Datasheet HTML 2Page - Texas Instruments SE555 Datasheet HTML 3Page - Texas Instruments SE555 Datasheet HTML 4Page - Texas Instruments SE555 Datasheet HTML 5Page - Texas Instruments SE555 Datasheet HTML 6Page - Texas Instruments SE555 Datasheet HTML 7Page - Texas Instruments SE555 Datasheet HTML 8Page - Texas Instruments SE555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
THRES voltage level
TRIG voltage level
RESET current
CONT voltage (open circuit)
Low-level output voltage
Supply current
VCC = 15 V
VCC = 5 V
VCC = 15 V
Output low,
No load
Output high,
No load
V
V
mA
V
V
V
TEST
CONDITIONS†
Initial error of timing interval‡
TA = 25°C
TA = MIN to MAX
TA = 25°C
ppm/
°C
%/V
ns
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
electrical characteristics, VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SE555
NE555, SA555,
SE555C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 15 V
9.4
10
10.6
8.8
10
11.2
VCC = 5 V
2.7
3.3
4
2.4
3.3
4.2
THRES current (see Note 2)
30
250
30
250
nA
VCC = 15 V
4.8
5
5.2
4.5
5
5.6
VCC = 5 V
1.45
1.67
1.9
1.1
1.67
2.2
TRIG current
TRIG at 0 V
0.5
0.9
0.5
2
µA
RESET voltage level
0.3
0.7
1
0.3
0.7
1
V
RESET at VCC
0.1
0.4
0.1
0.4
RESET at 0 V
– 0.4
–1
– 0.4
– 1.5
DISCH switch off-state current
20
100
20
100
nA
VCC = 15 V
9.6
10
10.4
9
10
11
VCC = 5 V
2.9
3.3
3.8
2.6
3.3
4
IOL = 10 mA
0.1
0.15
0.1
0.25
IOL = 50 mA
0.4
0.5
0.4
0.75
IOL = 100 mA
2
2.2
2
2.5
IOL = 200 mA
2.5
2.5
IOL = 5 mA
0.1
0.2
0.1
0.35
IOL = 8 mA
0.15
0.25
0.15
0.4
IOH = – 100 mA
13
13.3
12.75
13.3
High-level output voltage
IOH = – 200 mA
12.5
12.5
VCC = 5 V
IOH = – 100 mA
3
3.3
2.75
3.3
VCC = 15 V
10
12
10
15
VCC = 5 V
3
5
3
6
mA
VCC = 15 V
9
10
9
13
VCC = 5 V
2
4
2
5
NOTE 2: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 12. For example, when
VCC = 5 V, the maximum value is R = RA + RB ≈ 3.4 MΩ, and for VCC = 15 V, the maximum value is 10 MΩ.
operating characteristics, VCC = 5 V and 15 V
PARAMETER
SE555
NE555, SA555,
SE555C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Each timer, monostable§
0.5%
1.5%
1%
3%
Each timer, astable¶
1.5%
2.25%
Temperature coefficient
Each timer, monostable§
30
100
50
of timing interval
Each timer, astable¶
90
150
Supply voltage sensitivity
Each timer, monostable§
0.05
0.2
0.1
0.5
of timing interval
Each timer, astable¶
0.15
0.3
Output pulse rise time
CL = 15 pF,
100
200
100
300
Output pulse fall time
TA = 25°C
100
200
100
300
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ Timing interval error is defined as the difference between the measured value and the average value of a random sample from each process run.
§ Values specified are for a device in a monostable circuit similar to Figure 9, with component values as follow: RA = 2 kΩ to 100 kΩ, C = 0.1 µF.
¶ Values specified are for a device in an astable circuit similar to Figure 12, with component values as follow: RA = 1 kΩ to 100 kΩ, C = 0.1 µF.


Similar Part No. - SE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE555 PHILIPS-SE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Guangdong Youtai Semico...
SE555 UMW-SE555 Datasheet
409Kb / 17P
   NE555 Precision Timers
logo
NEC
SE555 NEC-SE555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
STMicroelectronics
SE555 STMICROELECTRONICS-SE555 Datasheet
494Kb / 20P
   General purpose single bipolar timers
logo
Texas Instruments
SE555 TI-SE555 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
More results

Similar Description - SE555

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
   Quad Integrated High-Side Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
   Dual USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com