Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9284A-15PJ6E Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9284A-15PJ6E
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284A-15PJ6E Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9284A-15PJ6E Datasheet HTML 1Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 2Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 3Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 4Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 5Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 6Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 7Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 8Page - Richtek Technology Corporation RT9284A-15PJ6E Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RT9284A/B
www.richtek.com
DS9284A/B-05 August 2007
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 7V
LX Input Voltage -----------------------------------------------------------------------------------------------------------
−0.3V to 22V
OVP Voltage ----------------------------------------------------------------------------------------------------------------
−0.3V to 22V
The Other Pins -------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-5 ------------------------------------------------------------------------------------------------------------------- 0.455W
TSOT-23-6 ------------------------------------------------------------------------------------------------------------------- 0.455W
Package Thermal Resistance
(Note 4)
TSOT-23-5,
θJA ------------------------------------------------------------------------------------------------------------- 220°C/W
TSOT-23-6,
θJA ------------------------------------------------------------------------------------------------------------- 220°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.7V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
40°C to 85°C
Electrical Characteristics
To be continued
(VIN = 3.7V, TA = 25
°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
System Supply Input
Operation voltage Range
VDD
2.7
--
5.5
V
Under Voltage Lock Out
VDD
1.8
2.2
2.5
V
Quiescent Current
IDD
FB = 1.5V, No switch
50
300
1000
uA
Supply Current
IDD
FB = 0V, Switch
0.1
2
3
mA
Shut Down Current
IDD
VEN < 0.4V
--
--
1
uA
Line Regulation
VIN : 3.0~4.3V
--
3
--
%
Oscillator
Operation Frequency
fOSC
0.9
1.2
1.5
MHz
Maximum Duty Cycle
85
--
--
%
Dimming Frequency
100
--
100k
Hz
Reference Voltage
RT9284A
1.173
1.235
1.296
V
Feedback Voltage
(Note 5)
RT9284B
0.237
0.25
0.263
V


Similar Part No. - RT9284A-15PJ6E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A-20GJ6E RICHTEK-RT9284A-20GJ6E Datasheet
259Kb / 14P
   Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
More results

Similar Description - RT9284A-15PJ6E

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
Richtek Technology Corp...
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com