Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9161A-25GV Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9161A-25GV
Description  300/500mA Low Dropout Linear Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9161A-25GV Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9161A-25GV Datasheet HTML 2Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 3Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 4Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 5Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 6Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 7Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 8Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 9Page - Richtek Technology Corporation RT9161A-25GV Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT9161/A
6
DS9161/A-31 March 2007
www.richtek.com
Application Information
A 10uF capacitor with 200m
Ω or higher ESR, connecting
between VOUT and GND pins, is recommended for
stability. A capacitor with ESR smaller than 200 m
Ω may
cause VOUT oscillation as shown in Figure 1. Operating
temperature should be well considered to ensure that the
capacitance is no less than 10uF over the operating
temperature range. Please take the notice that Aluminum
electrolytic capacitors may cause VOUT oscillation when
operating below -25
°C. The capacitance can be increased
without limit for better transient response.
A 1uF or higher capacitor should be placed between VIN
and GND to filter out input noise and ensure stable output
voltage.
Figure 1
Thermal protection limits power dissipation in RT9161/A.
When the operation junction temperature exceeds 165
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 30
°C.
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is:
PD = (VIN-VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula:
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9161/A, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For SOT-223 packages,
the thermal resistance
θJA is 135°C/W on the standard
JEDEC 51-3 single-layer 1S thermal test board. The
maximum power dissipation at TA= 25
°C can be calculated
by following formula:
PD(MAX) = ( 125
°C - 25°C ) / 250 = 0.400 W for SOT-23-3
packages
PD(MAX) = ( 125
°C - 25°C ) / 175 = 0.571 W for SOT-89
packages
PD(MAX) = ( 125
°C - 25°C ) / 135 = 0.741 W for SOT-223
packages
PD(MAX) = ( 125
°C - 25°C ) / 160 = 0.625 W for TO-92
packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9161/A packages, the Figure 2 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Region of Stable COUT ESR vs. Load Current
0.01
0.1
1
10
100
0
100
200
300
400
500
Load Current (mA)
VIN = 3.3V
CIN = 1uF
COUT = 10uF
Instable
Stable
Figure 2. Derating Curves
0
100
200
300
400
500
600
700
800
0
15
30
45
60
75
90
105
120
Ambient Temperature (°C)
SOT-223 package
TO-29 package
SOT-89 package
SOT-23-3 package


Similar Part No. - RT9161A-25GV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161A-25GV RICHTEK-RT9161A-25GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results

Similar Description - RT9161A-25GV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com