Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-NGPQWB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9011-NGPQWB
Description  Portable Power Management 300mA Dual LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-NGPQWB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9011-NGPQWB Datasheet HTML 3Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 4Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 5Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 6Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 7Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 8Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 9Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 10Page - Richtek Technology Corporation RT9011-NGPQWB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT9011
Preliminary
7
DS9011-05 August 2007
www.richtek.com
Load Transient Response
Time (250
μs/Div)
IOUT
(100mA/Div)
VOUT2
(20mV/Div)
VOUT1
(20mV/Div)
RT9011-GS, ILOAD = 10mA to 100mA
VIN = VEN = 4.3V
CIN = COUT1 = COUT2 = 1uF/X7R
RT9011-GS, Both ILOAD = 100mA
VIN = 3.8V to 4.8V
Line Transient Response
VIN
(V)
Time (100
μs/Div)
VOUT1
(10mV/Div)
4.8
3.8
VOUT2
(10mV/Div)
RT9011-GS, Both ILOAD = 10mA
VIN = 3.8V to 4.8V
Line Transient Response
VIN
(V)
VOUT1
(10mV/Div)
4.8
3.8
VOUT2
(10mV/Div)
Time (100
μs/Div)
RT9011-GS, Both ILOAD = 1mA
VIN = 3.8V to 4.8V
Line Transient Response
VIN
(V)
Time (100
μs/Div)
VOUT1
(10mV/Div)
4.8
3.8
VOUT2
(10mV/Div)
RT9011-GS, Both ILOAD = 50mA
VIN = 3.8V to 4.8V
Line Transient Response
VIN
(V)
Time (100
μs/Div)
VOUT1
(10mV/Div)
4.8
3.8
VOUT2
(10mV/Div)
Load Transient Response
Time (250
μs/Div)
IOUT
(50mA/Div)
VOUT2
(20mV/Div)
VOUT1
(20mV/Div)
RT9011-GS, ILOAD = 10mA to 50mA
VIN = VEN = 4.3V
CIN = COUT1 = COUT2 = 1uF/X7R


Similar Part No. - RT9011-NGPQWB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-NGPQWB RICHTEK-RT9011-NGPQWB Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-NGPQWB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com