Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL7833LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRL7833LPBF
Description  HEXFET짰Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL7833LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRL7833LPBF Datasheet HTML 1Page - International Rectifier IRL7833LPBF Datasheet HTML 2Page - International Rectifier IRL7833LPBF Datasheet HTML 3Page - International Rectifier IRL7833LPBF Datasheet HTML 4Page - International Rectifier IRL7833LPBF Datasheet HTML 5Page - International Rectifier IRL7833LPBF Datasheet HTML 6Page - International Rectifier IRL7833LPBF Datasheet HTML 7Page - International Rectifier IRL7833LPBF Datasheet HTML 8Page - International Rectifier IRL7833LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.irf.com
1
05/18/04
IRL7833PbF
IRL7833SPbF
IRL7833LPbF
HEXFET® Power MOSFET
Notes
 through † are on page 12
Applications
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Consumer Use
l Lead-Free
D2Pak
IRL7833S
TO-220AB
IRL7833
TO-262
IRL7833L
VDSS RDS(on) max Qg
30V
3.8m
:
32nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
W
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.04
RθCS
Case-to-Sink, Flat, Greased Surface
h
0.50
–––
°C/W
RθJA
Junction-to-Ambient
h
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
–––
40
Max.
150
f
110
f
600
± 20
30
10 lbf
yin (1.1Nym)
-55 to + 175
140
0.96
72
PD - 95270


Similar Part No. - IRL7833LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7833L IRF-IRL7833L Datasheet
268Kb / 12P
   HEXFETPower MOSFET
More results

Similar Description - IRL7833LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com