Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9501AGF Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9501AGF
Description  Advanced Lithium-Ion Linear Battery Charger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501AGF Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9501AGF Datasheet HTML 1Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 2Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 3Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 4Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 5Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 6Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 7Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 8Page - Richtek Technology Corporation RT9501AGF Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9501A/B
Preliminary
5
DS9501A/B-07 March 2007
www.richtek.com
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Output (Low) Voltage @ STAT pin VSTAT(LOW) IOL = 10mA
--
0.4
0.6
Output (High) Voltage @ STAT pin VSTAT(HIGH) IOH = 5mA
VDD–0.5
--
--
V
Output Low Voltage @ CC pin
VCC(LOW)
IO(CC) = 5mA ( sink )
--
--
1.5
V
Sink current @ CC pin
ICC(SINK)
Not to exceed power rating
specification (PD)
5
--
40
mA


Similar Part No. - RT9501AGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
RT9501APF RICHTEK-RT9501APF Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
More results

Similar Description - RT9501AGF

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
   1A Lithium Ion Battery Linear Charger
HM4057F HMSEMI-HM4057F Datasheet
1Mb / 8P
   500mA linear lithium ion battery charger
logo
Guangdong Youtai Semico...
TP4057 UMW-TP4057 Datasheet
618Kb / 8P
   500mA linear lithium-ion battery charger
logo
Linear Technology
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com