Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9183H-25GM5 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9183H-25GM5
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183H-25GM5 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9183H-25GM5 Datasheet HTML 7Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 8Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 9Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 10Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 11Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 12Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 13Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 14Page - Richtek Technology Corporation RT9183H-25GM5 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT9183
11
DS9183-12
March 2007
www.richtek.com
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula:
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, T
A is the ambient temperature and
the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9183, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and T
A is the maximum
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for SOT-223 package
is 115
°C/W, SOT-223 package (F-Type) is 135°C/W,
SOP-8 package is 125
°C/W, and TO-263 package is
45
°C/W on standard JEDEC 51-3 thermal test board.
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal resistance
θJA. For RT9183 packages, the Figure 4 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
PCB Layout
Good board layout practices must be used or instability
can be induced because of ground loops and voltage drops.
The input and output capacitors MUST be directly
connected to the input, output, and ground pins of the
device using traces which have no other currents flowing
through them.
The best way to do this is to layout CIN and COUT near the
device with short traces to the VIN, VOUT, and ground pins.
The regulator ground pin should be connected to the
external circuit ground so that the regulator and its
capacitors have a“ single point ground” .
It should be noted that stability problems have been seen
in applications where “ vias ” to an internal ground plane
were used at the ground points of the device and the input
and output capacitors. This was caused by varying ground
potentials at these nodes resulting from current flowing
through the ground plane. Using a single point ground
technique for the regulator and it's capacitors fixed the
problem. Since high current flows through the traces going
into VIN and coming from VOUT, Kelvin connect the capacitor
leads to these pins so there is no voltage drop in series
with the input and output capacitors.
Optimum performance can only be achieved when the
device is mounted on a PC board according to the diagram
below:
SOP-8 Board Layout
GND
ADJ
GND
GND
V
IN
V
OUT
EN
+
Figure 4
0
400
800
1200
1600
2000
2400
0
25
50
75
100
125
Ambient temperature (
℃)
(
°C)
SOT-223
TO-263
SOP-8
SOT-223
(F-Type)


Similar Part No. - RT9183H-25GM5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183H-25CG RICHTEK-RT9183H-25CG Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CM RICHTEK-RT9183H-25CM Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CM5 RICHTEK-RT9183H-25CM5 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CS RICHTEK-RT9183H-25CS Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183H-25GM5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com