Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9261B-28PX Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9261B-28PX
Description  VFM Step-Up DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261B-28PX Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9261B-28PX Datasheet HTML 1Page - Richtek Technology Corporation RT9261B-28PX Datasheet HTML 2Page - Richtek Technology Corporation RT9261B-28PX Datasheet HTML 3Page - Richtek Technology Corporation RT9261B-28PX Datasheet HTML 4Page - Richtek Technology Corporation RT9261B-28PX Datasheet HTML 5Page - Richtek Technology Corporation RT9261B-28PX Datasheet HTML 6Page - Richtek Technology Corporation RT9261B-28PX Datasheet HTML 7Page - Richtek Technology Corporation RT9261B-28PX Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RT9261B
Preliminary
1
DS9261B-12
March 2007
www.richtek.com
Pin Configurations
VFM Step-Up DC/DC Converter
Ordering Information
General Description
The RT9261B Series are VFM Step-up DC/DC converter
ICs with ultra low supply current by CMOS process and
suitable for use with battery-powered instruments.
The RT9261B IC consists of an oscillator, a VFM control
circuit, a driver transistor (LX switch), a reference voltage
unit, an error amplifier, resistors for voltage detection, and
a LX switch protection circuit. A low ripple and high efficiency
step-up DC/DC converter can be constructed with the
RT9261B IC and only three external components.
The EN pin enables the circuit to set the standby supply
current at a maximum of 0.5
μA.
Features
Minimal Number of External Components (Only an
Inductor, a Diode, and a Capacitor)
Ultra Low Input Current (6.5
μμμμμA at Switch Off)
Capable of Supplying 50mA Output Current with
Internal Switch
±±±±± 2% Output Voltage Accuracy
Low Ripple and Low Noise
Low Start-up Voltage, 0.8V at 1mA
80% Efficiency with Low Cost Inductor
+50 ppm/° C Low Temperature-Drift
SOT-89 and SOT-23-5 Small Packages
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Power source for battery-powered equipment
Power source for cameras, camcorders, VCRs, PDAs,
pagers, electronic data banks, and hand-held
communication equipment
Power source for appliances, which require higher
voltage than that of batteries used in the appliances
(TOP VIEW)
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
GND VOUT
(TAB)
LX
12
3
SOT-89
SOT-23-5
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
EN
VOUT
NC
GND
LX
2
3
5
4
1
RT9261B-
Package Type
B : SOT-23-5
X : SOT-89
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
15 : 1.5V
16 : 1.6V
:
49 : 4.9V
50 : 5.0V


Similar Part No. - RT9261B-28PX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261B-28PX RICHTEK-RT9261B-28PX Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
More results

Similar Description - RT9261B-28PX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com