Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9285CGJ6 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9285CGJ6
Description  Tiny Package, High Performance, Diode Embedded White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9285CGJ6 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9285CGJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 9Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 10Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 11Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 12Page - Richtek Technology Corporation RT9285CGJ6 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT9285C
Preliminary
10
DS9285C-00
August 2007
www.richtek.com
} The output capacitor C2 should be connected directly from the Pin 5 to ground rather than across the LEDs. (*3)
} FB node copper area should be minimized and keep far away from noise sources (Pin 1, Pin 5, Pin 6). (*4)
} The Inductor is far away receiver and microphone.
} The voice trace is far away RT9285C.
} The embedded antenna is far away and different side RT9285C.
} R1 should be placed as close as RT9285C.
} The through hole of RT9285C's GND pin is recommended as large and many as possible.
Figure 8. Bottom
Figure 7. TOP
LX
GND
FB
EN
VOUT
VDD
4
2
3
5
6
1
EN
C1
L1
WLEDs
GND
C2
VIN
*1
*2
*3
*4
RSET


Similar Part No. - RT9285CGJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9285A RICHTEK-RT9285A Datasheet
181Kb / 12P
   Tiny Package, High Performance, Diode Embedded White LED Driver
RT9285AGJ6 RICHTEK-RT9285AGJ6 Datasheet
181Kb / 12P
   Tiny Package, High Performance, Diode Embedded White LED Driver
RT9285AGQW RICHTEK-RT9285AGQW Datasheet
181Kb / 12P
   Tiny Package, High Performance, Diode Embedded White LED Driver
RT9285APJ6 RICHTEK-RT9285APJ6 Datasheet
181Kb / 12P
   Tiny Package, High Performance, Diode Embedded White LED Driver
RT9285APQW RICHTEK-RT9285APQW Datasheet
181Kb / 12P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results

Similar Description - RT9285CGJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9285A RICHTEK-RT9285A Datasheet
181Kb / 12P
   Tiny Package, High Performance, Diode Embedded White LED Driver
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
SHENZHEN FUMAN ELECTRON...
A4117 FUMAN-A4117 Datasheet
152Kb / 4P
   Small package high performance asynchronous boost white LED driver
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Holtek Semiconductor In...
HT7938A HOLTEK-HT7938A Datasheet
2Mb / 13P
   Performance White LED Driver
HT7939A HOLTEK-HT7939A Datasheet
3Mb / 13P
   Performance White LED Driver
logo
uPI Group Inc.
UP6007 UPI-UP6007 Datasheet
599Kb / 10P
   43V High Performance White LED Driver
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com