Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9284B15PJ5 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9284B15PJ5
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284B15PJ5 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9284B15PJ5 Datasheet HTML 1Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 2Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 3Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 4Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 5Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9284B15PJ5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
RT9284A/B
DS9284A/B-05 August 2007
www.richtek.com
Pin Description
Pin No.
TSOT-23-5 TSOT-23-6
Pin Name
Pin Function
1
1
LX
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the track
area to reduce EMI.
2
2
GND
Ground Pin
3
3
FB
Feedback Reference Voltage Pin. Series connect a resistor between WLED
and ground as a current sense. Sense the current feedback voltage to set
the current rating.
4
4
EN
Chip Enable (Active High). Voltage sensing input to trigger the function of
over voltage protection. Note that this pin is high impedance. There should
be a pull low 100kΩ resistor connected to GND when the control signal is
floating.
--
5
OVP
Over Voltage Protection Pin. Voltage sensing input to trigger the function of
over voltage protection. Leave it unconnected to disable this function.
5
6
VDD
Supply Input Voltage Pin. Bypass 1uF capacitor to GND to reduce the input
noise.
Function Block Diagram
Current Bias
Soft Start
OCP
750mA
BandGap
OVP
UVLO
Timer
5ms
EN
OVP
VDD
+
-
+
-
V
REF
PWM
Logic
1.2MHz OSC
GND
FB
LX
V
REF
ibias
Protection Circuit
Buffer


Similar Part No. - RT9284B15PJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284BPB RICHTEK-RT9284BPB Datasheet
259Kb / 14P
   Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
More results

Similar Description - RT9284B15PJ5

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
Richtek Technology Corp...
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com