Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9277A Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9277A
Description  High Performance, Low Noise Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9277A Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9277A Datasheet HTML 4Page - Richtek Technology Corporation RT9277A Datasheet HTML 5Page - Richtek Technology Corporation RT9277A Datasheet HTML 6Page - Richtek Technology Corporation RT9277A Datasheet HTML 7Page - Richtek Technology Corporation RT9277A Datasheet HTML 8Page - Richtek Technology Corporation RT9277A Datasheet HTML 9Page - Richtek Technology Corporation RT9277A Datasheet HTML 10Page - Richtek Technology Corporation RT9277A Datasheet HTML 11Page - Richtek Technology Corporation RT9277A Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9277A/B
Preliminary
8
DS9277A/B-02 March 2007
www.richtek.com
Output Voltage vs. Input Voltage
11.972
11.974
11.976
11.978
11.980
11.982
11.984
11.986
2.5
2.8
3.0
3.3
3.5
3.8
4.0
4.3
4.5
4.8
5.0
Input Voltage (V)
VOUT = 12V, IOUT = 1mA
640kHz
Output Voltage vs. Input Voltage
11.984
11.986
11.988
11.990
11.992
11.994
11.996
11.998
2.5
2.8
3.0
3.3
3.5
3.8
4.0
4.3
4.5
4.8
5.0
Input Voltage (V)
VOUT = 12V, IOUT = 1mA
1.2MHz
No Load Supply Current vs. Input Voltage
150
200
250
300
350
400
450
500
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 12V
640kHz
Current Limit vs. Input Voltage
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
VOUT = 12V
640kHz
VFB vs. Temperature
1.234
1.234
1.235
1.235
1.236
1.236
1.237
1.237
1.238
1.238
-40
-20
0
20
406080
100
Temperature
VIN = 3.3V, VOUT = 12V
1.2MHz
(
°C)
Frequency vs. Temperature
800
900
1000
1100
1200
1300
-40
-20
0
20
40
60
80
100
Temperature
VIN = 3.3V, VOUT = 12V
1.2MHz
(
°C)


Similar Part No. - RT9277A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
RT9270GF RICHTEK-RT9270GF Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
RT9270PF RICHTEK-RT9270PF Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
More results

Similar Description - RT9277A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
   High Performance, Low Noise Boost Converter
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
   6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
   High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
ams AG
AS1301 AMSCO-AS1301_1 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
AS1301 AMSCO-AS1301 Datasheet
1Mb / 16P
   5V/50mA Low Noise Inductorless Boost Converter
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
   1.2MHz,30V/1A High Performance, Boost Converter
logo
Lowpower Semiconductor ...
LP6230C POWER-LP6230C Datasheet
982Kb / 7P
   1.0MHz,24V/2.0A High Performance, Boost Converter
LP3318 POWER-LP3318 Datasheet
353Kb / 6P
   1MHz,36V/1.5A High Performance, Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com