Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM50TF-28H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM50TF-28H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM50TF-28H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM50TF-28H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM50TF-28H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM50TF-28H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM50TF-28H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep.1998
Dimensions
Inches
Millimeters
A
4.02
±0.02
102.0
±0.5
B
3.58
±0.02
91.0
±0.5
C
3.150
±0.01
80.0
±0.25
D
2.913
±0.01
74.0
±0.25
E
1.69
43.0
F
1.18 +0.06/-0.02 30 +1.5/-0.5
G
1.18
30.0
H
1.16
29.5
J
1.06
27.0
K
0.96
24.5
L
0.87
22.0
M
0.79
20.0
N
0.67
17.0
Description:
Mitsubishi IGBT Modules are de-
signed for use in switching appli-
cations. Each module consists of
six IGBTs in a three phase bridge
configuration, with each transistor
having a reverse-connected super-
fast recovery free-wheel diode. All
components and interconnects are
isolated from the heat sinking
baseplate, offering simplified sys-
tem assembly and thermal man-
agement.
Features:
Low Drive Power
Low VCE(sat)
Discrete Super-Fast Recovery
Free-Wheel Diode
High Frequency Operation
Isolated Baseplate for Easy
Heat Sinking
Applications:
AC Motor Control
Motion/Servo Control
UPS
Welding Power Supplies
Ordering Information:
Example: Select the complete part
module number you desire from
the table below -i.e. CM50TF-28H
is a 1400V (VCES), 50 Ampere
Six-IGBT Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
50
28
Dimensions
Inches
Millimeters
P
0.65
16.5
Q
0.55
14.0
R
0.47
12.0
S
0.43
11.0
T
0.39
10.0
U
0.33
8.5
V
0.32
8.1
X
0.24
6.0
Y
0.22 Dia.
Dia. 5.5
Z
M4 Metric
M4
AA
0.08
2.0
AB
0.28
7.0
MITSUBISHI IGBT MODULES
CM50TF-28H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
Outline Drawing and Circuit Diagram
AB
F
H
V
TAB #110, t = 0.5
C
L
E
A
G
N
D
U
AA
L
B
P
G
K
J
T
R
M
M
AA
S
X
Q
X
Q
XN
Z - M4 THD
(7 TYP.)
Y DIA. (4 TYP.)
GuPE uPGvPE vPGwPE wP
GuNE uNGvNE vNGwNE wN
P
P
N
N
UV
W
P
GuP
EuP
GuN
EuN
U
GvP
EvP
V
GvN
EvN
GwP
EwP
W
GwN
EwN
P
N
N


Similar Part No. - CM50TF-28H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50TF-28H POWEREX-CM50TF-28H Datasheet
67Kb / 4P
   Six-IGBT IGBTMOD 50 Amperes/1400 Volts
More results

Similar Description - CM50TF-28H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com