Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9183H-33GM Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9183H-33GM
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183H-33GM Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9183H-33GM Datasheet HTML 1Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 2Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 3Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 4Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 5Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 6Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 7Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 8Page - Richtek Technology Corporation RT9183H-33GM Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT9183
4
DS9183-12
March 2007
www.richtek.com
Electrical Characteristics
(VIN = VOUT + 0.7V, CIN =COUT = 10
μF (Ceramic), TA = 25°C unless otherwise specified)
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.3V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
40°C to 125°C
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6V
Package Thermal Resistance
SOT-223,
θJA ---------------------------------------------------------------------------------------------------------------- 115°C/W
SOT-223,
θJC --------------------------------------------------------------------------------------------------------------- 15°C/W
SOT-223 (F-Type),
θJA ---------------------------------------------------------------------------------------------------- 135°C/W
SOT-223 (F-Type),
θJC ---------------------------------------------------------------------------------------------------- 17°C/W
SOP-8,
θJA ------------------------------------------------------------------------------------------------------------------ 125°C/W
SOP-8,
θJC ------------------------------------------------------------------------------------------------------------------ 20°C/W
TO-263,
θJA ----------------------------------------------------------------------------------------------------------------- 45°C/W
TO-263,
θJC ----------------------------------------------------------------------------------------------------------------- 8°C/W
Power Dissipation, PD@TA = 25
°C
SOT-223 --------------------------------------------------------------------------------------------------------------------- 0.87W
SOT-223 (F-Type) ---------------------------------------------------------------------------------------------------------- 0.74W
SOP-8 ------------------------------------------------------------------------------------------------------------------------ 0.8W
TO-263 ----------------------------------------------------------------------------------------------------------------------- 2.22W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Parameter
Symbol
Test C onditions
Min
Typ
Max
Units
Output Voltage Accuracy
(Fixed Output Voltage)
ΔVOUT
IOUT = 10mA
−2
0
+2
%
Output Voltage R ange (Adjustable)
VOUT_ADJ
0.8
--
4.5
V
Quiescent Current
(Note 6)
IQ
IOUT = 0mA, Enable
--
380
500
μA
Standby Current
(Note 7)
ISTBY
VIN = 5.5V, Shutdown
--
0.1
1
μA
Current Limit
ILIM
2
3.2
4.2
A
Dropout Voltage
(Note 4)
VDROP
IOUT = 0.5A
--
110
300
mV
IOUT = 1.0A
--
220
400
IOUT = 1.5A
--
330
500
Line R egulation
ΔVLINE
VOUT + 0.7V < VIN < 5.5V
IOUT = 10mA
--
0.035
0.18
%/V
To be continued


Similar Part No. - RT9183H-33GM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183H-33CG RICHTEK-RT9183H-33CG Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-33CM RICHTEK-RT9183H-33CM Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-33CM5 RICHTEK-RT9183H-33CM5 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-33CS RICHTEK-RT9183H-33CS Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183H-33GM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com