Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169H-49PV Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9169H-49PV
Description  100mA, 4關A Quiescent Current CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169H-49PV Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9169H-49PV Datasheet HTML 1Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 2Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 3Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 4Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 5Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 6Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 7Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 8Page - Richtek Technology Corporation RT9169H-49PV Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9169/H
1
DS9169/H-12
March 2007
www.richtek.com
Pin Configurations
100mA, 4
μμμμμA Quiescent Current CMOS LDO Regulator
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Ordering Information
General Description
The RT9169/H series are 100mA ultra-low quiescent
current CMOS low dropout (LDO) regulator designed for
battery-powered equipments. The output voltages range
from 1.2V to 5V with 0.1V per step.
The other features include 4
μA ultra-low quiescent, low
dropout voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio.
Features
Ultra-Low Quiescent Current: 4
μμμμμA
Low Dropout: 450mV at 100mA
Wide Operating Voltage Ranges: 2V to 6V
Current Limiting Protection
Only 1
μμμμμF Output Capacitor Required for Stability
High Power Supply Rejection Ratio
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Battery-Powered Equipment
Palmtops, Notebook Computers
Hand-held Instruments
PCMCIA Cards
1
2
3
VIN
GND
VOUT
1
2
3
VOUT
VIN
GND
VOUT
GND
VIN
2
3
1
GND
VIN
(TAB)
VOUT
12
3
TO-92 (L-Type)
TO-92 (T-Type)
SOT-23-3
SOT-23-5
SOT-89
(TOP VIEW)
SOT-23-3 (L-Type)
GND
VOUT
VIN
2
3
1
Note :
1. RT9169H package type is available in SOT-23-5 only.
2. RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
Package Type
ZL : TO-92 (L-Type)
ZT : TO-92 (T-Type)
X : SOT-89
V : SOT-23-3
VL : SOT-23-3 (L-Type)
B : SOT-23-5
Output Voltage
12 : 1.2V
13 : 1.3V
:
49 : 4.9V
50 : 5.0V
RT9169/H-
Chip Enable High (SOT-23-5 Only)
Chip Enable Low
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
2
3
5
4
1
VIN
GND
EN/EN
VOUT
NC


Similar Part No. - RT9169H-49PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169H-15GB RICHTEK-RT9169H-15GB Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169H-15PB RICHTEK-RT9169H-15PB Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169H-18GB RICHTEK-RT9169H-18GB Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169H-20GB RICHTEK-RT9169H-20GB Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169H-20PB RICHTEK-RT9169H-20PB Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results

Similar Description - RT9169H-49PV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
Richtek Technology Corp...
RT9188 RICHTEK-RT9188 Datasheet
157Kb / 10P
   Dual, Ultra-Low Quiescent, 100mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com