Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM600DU-5F Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM600DU-5F
Description  Dual IGBTMOD 600 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM600DU-5F Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM600DU-5F Datasheet HTML 1Page - Powerex Power Semiconductors CM600DU-5F Datasheet HTML 2Page - Powerex Power Semiconductors CM600DU-5F Datasheet HTML 3Page - Powerex Power Semiconductors CM600DU-5F Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CM600DU-5F
Dual IGBTMOD™ F-Series Module
600 Amperes/250 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
3
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT 1/2 Module
––
0.11
°C/W
Thermal Resistance, Junction to Case
Rth(j-c)R
Per FWDi 1/2 Module
––
0.20
°C/W
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.020
°C/W
Thermal Resistance, Junction to Case
Rth(j-c')Q
Per IGBT 1/2 Module
––
0.05
°C/W
TC Reference Point Under Chip
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
012345
600
0
10
8
6
6.5
6.25
5.25
Tj = 25
oC
300
900
1200
5.5
5
5.75
VGE = 15V
600
0
300
900
1200
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
02468
10
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
2.0
0
400
800
1.6
1.2
0.8
0.4
0
1200
VGE = 15V
Tj = 25°C
Tj = 125°C
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
048
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 1200A
IC = 600A
IC = 240A
0.6
0.8
1.0
1.2
1.4
1.6
1.8
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
103
102
104
101
102
101
103
100
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres


Similar Part No. - CM600DU-5F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
133Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F_09 Datasheet
133Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM600DU-5F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600DU-24F POWEREX-CM600DU-24F Datasheet
65Kb / 4P
   Dual IGBTMOD 600 Amperes/1200 Volts
CM600HA-24H POWEREX-CM600HA-24H Datasheet
59Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
CM600HU-24H POWEREX-CM600HU-24H Datasheet
57Kb / 4P
   Single IGBTMOD 600 Amperes/1200 Volts
CM600DY-24A POWEREX-CM600DY-24A Datasheet
492Kb / 4P
   Dual IGBTMOD A-series Module 600 Amperes/1200 Volts
CM600DU-24NFH POWEREX-CM600DU-24NFH Datasheet
420Kb / 4P
   Dual IGBTMOD NFH-Series Module 600 Amperes/1200 Volts
CM200DY-24H POWEREX-CM200DY-24H Datasheet
59Kb / 4P
   Dual IGBTMOD 200 Amperes/1200 Volts
CM300DU-24H POWEREX-CM300DU-24H Datasheet
61Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
CM50DY-24H POWEREX-CM50DY-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1200 Volts
CM75DY-24H POWEREX-CM75DY-24H Datasheet
53Kb / 4P
   Dual IGBTMOD 75 Amperes/1200 Volts
CM100DU-24H POWEREX-CM100DU-24H Datasheet
517Kb / 4P
   Dual IGBTMOD 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com