Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9241AGS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9241AGS
Description  Two-Phase DC/DC Controller for CPU Core Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9241AGS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9241AGS Datasheet HTML 7Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 8Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 9Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 10Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 11Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 12Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 13Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 14Page - Richtek Technology Corporation RT9241AGS Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RT9241A/B
11
DS9241AB-05
March 2007
www.richtek.com
Application Information
RT9241A/B is a two-phase DC/DC controller that precisely
regulates CPU core voltage and balances the current of
different power channels. The converter consists of
RT9241A/B and its companion MOSFET driver provide high
quality CPU power and all protection function to meet the
requirement of modern VRM.
Voltage control
The reference of VCORE is provided by a 5-bit DAC of
VRM9.0 specification. Control loop consists of error
amplifier, two-phase pulse width modulator, driver and
power components. Like conventional voltage mode
PWM controller, the output voltage is locked at the VREF
of error amplifier and the error signal is used as the control
signal VC of pulse width modulator. The PWM signals of
different channels are generated by comparison of EA
output and split-phase saw-tooth wave. Power stage
transforms VIN to output by PWM signal on-time ratio.
Current balance
RT9241A/B senses the current of low side MOSFET in
each synchronous rectifier when it is conducting for
channel current balance and droop tuning. The differential
sensing GM amplifier converts the voltage on the sense
component (can be a sense resistor or the RDS(ON) of the
low side MOSFET) to current signal into internal balance
circuit. The current balance circuit sums and averages
the current signals then produces the balancing signals
injected to pulse width modulator. If the current of some
power channel is greater than average, the balancing
signal reduces the output pulse width to keep the balance.
Load droop
The sensed power channel current signals regulate the
reference of DAC to form a output voltage droop
proportional to the load current. The droop or so call
ctive voltage positioningcan reduce the output voltage
ripple at load transient and the LC filter size.
Fault detection
The chip detects VCORE for over voltage and power good
detection. The hiccup modeoperation of over current
protection is adopted to reduce the short circuit current.
The in-rush current at the start up is suppressed by the
soft start circuit through clamping the pulse width and
output voltage.
MOSFET driver detection and converter start up
RT9241A/B interface with companion MOSFET driver (like
RT9600 or HIP660X series) for correct converter
initialization. The tri-phase PWM output (high, low, high
impedance) pins sense the interface voltage at IC POR
acts (both VDD and VDVD trip). The channel is enabled if
the pin voltage is 1.2V less than VDD. Please tie the both
PWM output to driver input for correct converter start-
up.
Current sensing setting
RT9241A/B senses the current of low side MOSFET in
each synchronous rectifier when it is conducting for
channel current balance and droop tuning. The differential
sensing GM amplifier converts the voltage on the sense
component (can be a sense resistor or the RDS(ON) of the
low side MOSFET) to current signal into internal circuit
(see Figure 1).
Figure 1. Current Sense Circuit
Sample & Hold
To Current Balance
To Droop Tune
To Over Current Detection
2/3 I
X
+
-
2/3 I
X
2/3 I
X
I
X
I
BP
I
BN
I
L
R
S
R
SP
R
SN
ISP
X
ISN
X
GM


Similar Part No. - RT9241AGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
RT9241CS ETC-RT9241CS Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
More results

Similar Description - RT9241AGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
RT9237 ETC-RT9237 Datasheet
323Kb / 15P
   MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com