Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9214GSP Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9214GSP
Description  5V/12V Synchronous Buck PWM DC-DC Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9214GSP Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9214GSP Datasheet HTML 3Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 4Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 5Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 6Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 7Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 8Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 9Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 10Page - Richtek Technology Corporation RT9214GSP Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
RT9214
DS9214-13
September 2007
www.richtek.com
Transient Response (Rising)
Time (5us/Div)
VOUT
(100mV/Div)
IL
(10A/Div)
UGATE
(10V/Div)
L = 2.2uH
C = 2000uF
VCC = VIN = 12V
IOUT= 0A to 15A
Freq. = 1/20ms, SR = 2.5A/us
Power On
Time (500us/Div)
IOUT
UGATE
(10V/Div)
(500mV/Div)
(2A/Div)
VOUT
VCC Switching
Time (10ms/Div)
VCC
IOUT
UGATE
(20V/Div)
(10V/Div)
(100mV/Div)
(10A/Div)
VOUT
VCC = 5V to 12V
IOUT= 10A, VIN = 5V
Dead Time (Falling)
Time (10ns/Div)
UGATE
LGATE
PHASE
VCC = 12V
VIN = 5V
IOUT= 25A
(5V/Div)
Dead Time (Rising)
Time (25ns/Div)
UGATE
LGATE
PHASE
VCC = VIN = 5V
IOUT = 25A
(5V/Div)
Power Off
Time (5ms/Div)
(10V/Div)
(2V/Div)
(10V/Div)
(2V/Div)
VCC
VIN
UGATE
VOUT
IOUT = 2A


Similar Part No. - RT9214GSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210GC RICHTEK-RT9210GC Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210GS RICHTEK-RT9210GS Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210PC RICHTEK-RT9210PC Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210PS RICHTEK-RT9210PS Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
More results

Similar Description - RT9214GSP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8101 RICHTEK-RT8101 Datasheet
251Kb / 15P
   12V Synchronous Buck PWM DC-DC
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
   5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com