Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9201GQV Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9201GQV
Description  High Efficiency PWM Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9201GQV Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9201GQV Datasheet HTML 1Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 2Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 3Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 4Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 5Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 6Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 7Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 8Page - Richtek Technology Corporation RT9201GQV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9201
4
DS9201-12 August 2007
www.richtek.com
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, EN = VIN, LX = 10
µH, CIN = 10µF, COUT = 22µF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
--
5.5
V
Adjustable Output Range
VOUT
(Note 4)
0.85
--
VIN
V
Reference Voltage
VREF
IL = 300mA
--
0.8
--
V
Cross Regulation
∆VCROSS
VIN = 2.5V to 5.5V,
IL = 600mA to 0mA
−3
--
+3
%
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
PMOSFET RON
PRDS(ON) ILX = 200mA
0.2
0.37
0.43
NMOSFET RON
NRDS(ON) ILX = 200mA
0.2
0.3
0.35
P-Channel Current Limit
IP(LM)
RL = 0.1 Ω, VFB = VREF − 0.15
0.8
1.17
1.6
A
Quiescent Current
IQ
ILX = 0mA, VFB = VREF + 0.15
40
85
140
µA
Shutdown Current
IQ(SD)
EN = 0V, VIN = 5.5V
0.01
2
7
µA
Oscillator Frequency
fOSC
IOUT = 100mA
600
800
1k
kHz
EN Input High Threshold
VIH
VIN = 2.5V to 5.5V
1.5
--
--
V
EN Input Low Threshold
VIL
VIN = 2.5V to 5.5V
--
--
0.4
V
Thermal Shutdown Temperature
TSD
125
150
--
°C
Maximum Duty Cycle
VIN = VOUT
100
--
--
%
Minimum On Time
No Load
0.1
0.2
0.3
µs
LX Leakage Current
EN = 0V,VIN = 5.5V, VLX = 0V or
VLX = 5.5V
−20
1
20
µA
Recommended Operating Conditions
(Note 3)
l
Supply Input Voltage ------------------------------------------------------------------------------------------------ 2.5V to 5.5V
l
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
l
Input Voltage ---------------------------------------------------------------------------------------------------------- 6V
l
Power Dissipation, PD @ TA = 25
°C
VDFN
−10L 3x3 ------------------------------------------------------------------------------------------------------- 2.1W
l
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
l
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
l
Package Thermal Resistance
VDFN
−10L 3x3, θJA -------------------------------------------------------------------------------------------------- 47°C/W
l
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
l
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
l
ESD Susceptibility (Note 2)
HBM (Human Body Mod) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------- 200V


Similar Part No. - RT9201GQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202BGS RICHTEK-RT9202BGS Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202BPS RICHTEK-RT9202BPS Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9201GQV

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com