Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9187-28PQV Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9187-28PQV
Description  1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9187-28PQV Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9187-28PQV Datasheet HTML 1Page - Richtek Technology Corporation RT9187-28PQV Datasheet HTML 2Page - Richtek Technology Corporation RT9187-28PQV Datasheet HTML 3Page - Richtek Technology Corporation RT9187-28PQV Datasheet HTML 4Page - Richtek Technology Corporation RT9187-28PQV Datasheet HTML 5Page - Richtek Technology Corporation RT9187-28PQV Datasheet HTML 6Page - Richtek Technology Corporation RT9187-28PQV Datasheet HTML 7Page - Richtek Technology Corporation RT9187-28PQV Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9187
4
DS9187-08 August 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 6V
EN Input Voltage ------------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
VDFN-8L 3x3 ----------------------------------------------------------------------------------------------------------- 0.923W
Package Thermal Resistance (Note 9)
VDFN-8L 3x3,
θJC ----------------------------------------------------------------------------------------------------- 8.2°C/W
VDFN-8L 3x3,
θJA ------------------------------------------------------------------------------------------------------ 108°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM ---------------------------------------------------------------------------------------------------------------------- 2kV
MM ------------------------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 3)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 2.5V to 5.5V
EN Input Voltage ------------------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
(Fixed Output Voltage)
ΔVOUT
IOUT = 10mA
−2
0
+2
%
Output Voltage Range (Adjustable)
VOUT_Adj
0.8
--
4.5
V
Quiescent Current (Note 6)
IQ
VEN ≥ VIH, IOUT = 0mA
--
380
500
μA
Standby Current (Note 7)
ISTBY
VEN ≤ VIL,VIN = 3.3V
--
0.1
1
μA
Current Limit
ILIM
RLOAD = 0.5Ω, VIN = 3.3V
2
2.8
3
A
IOUT = 0.25A (Note 8)
--
60
100
IOUT = 0.5A
--
120
180
Dropout Voltage (Note 4)
VDROP
IOUT = 1.0A
--
240
360
mV
Load Regulation (Note 5)
(Fixed Output Voltage)
ΔVLOAD
VIN = (VOUT + 0.5V)
10mA < IOUT < 1.0A
--
0.4
--
%/A
Logic-Low Voltage
VIL
VIN = 3.3V
--
--
0.6
EN Threshold
Logic-High Voltage
VIH
VIN = 3.3V
1.8
--
--
V
Enable Pin Current
IEN
VIN = 3.3V, Enable
--
0.1
1
μA
f = 100Hz
--
−60
--
Power Supply
Rejection Rate
f = 10kHz
PSRR
IOUT = 300mA
--
−50
--
dB
To be continued
(VIN = VOUT + 1V, VEN = VIN, CIN = COUT = 2.2
μF (Ceramic) & CBP = 10nF, TA = 25°C unless otherwise specified)


Similar Part No. - RT9187-28PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187-10GQV RICHTEK-RT9187-10GQV Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-10GSP RICHTEK-RT9187-10GSP Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-10PQV RICHTEK-RT9187-10PQV Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-10PSP RICHTEK-RT9187-10PSP Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187-11GQV RICHTEK-RT9187-11GQV Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9187-28PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PIC6117 PICSEMI-PIC6117 Datasheet
150Kb / 2P
   800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com