Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9161A15GG Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9161A15GG
Description  300/500mA Low Dropout Linear Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9161A15GG Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9161A15GG Datasheet HTML 1Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 2Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 3Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 4Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 5Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 6Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 7Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 8Page - Richtek Technology Corporation RT9161A15GG Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9161/A
1
DS9161/A-31 March 2007
www.richtek.com
Pin Configurations
300/500mA Low Dropout Linear Voltage Regulator
Ordering Information
(TOP VIEW)
General Description
The RT9161/A is a 300/500mA fixed output voltage low
dropout linear regulator. Typical ground current is
approximately 110
μA, from zero to maximum loading
conditions. Wide range of available output voltage fits most
of applications. Built-in output current-limiting most
thermal-limiting provide maximal protection against any
fault conditions.
For ease of application, the RT9161/A comes in the popular
3-pin SOT-23 (300mA), SOT-89 (300mA), SOT-223
(500mA), or TO-92 packages.
Applications
Voltage Regulator for LAN Card, CD-ROM, and DVD
Wireless Communication Systems
Battery Powered Systems
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Features
Low Dropout Voltage of 200mV at Output Current
100mA, 450mV at Output Current 300mA, and
750mV at 500mA Output Current
Guaranteed 300/500mA Output Current
Internal 1.5
Ω
Ω
Ω
Ω
Ω P-MOSFET Draws No Base Current
Low Ground Current 110
μμμμμA
2% Accuracy Output Voltage
Input Voltage Range up to 12V
Extremely Tight Load Regulation
Fast Transient Response
Current-limiting and Thermal-limiting
RoHS Compliant and 100% Lead (Pb)-Free
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
GND
VIN
(TAB)
VOUT
12
3
SOT-89
SOT-23-3
1
2
3
GND
VOUT
VIN
SOT-223
GND
VIN
(TAB)
VOUT
1
2
3
Output Voltage
15 : 1.5V
16 : 1.6V
:
49 : 4.9V
50 : 5.0V
RT9161/A-
Package Type
V : SOT-23-3
X : SOT-89
G : SOT-223
ZL : TO-92 (L-Type)
ZT : TO-92 (T-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
500mA Output Current
300mA Output Current


Similar Part No. - RT9161A15GG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161A-18PX RICHTEK-RT9161A-18PX Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161A-25GV RICHTEK-RT9161A-25GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161A-28GV RICHTEK-RT9161A-28GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161A-50PV RICHTEK-RT9161A-50PV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results

Similar Description - RT9161A15GG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com