Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9183H-25PG Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9183H-25PG
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183H-25PG Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9183H-25PG Datasheet HTML 3Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 4Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 5Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 6Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 7Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 8Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 9Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 10Page - Richtek Technology Corporation RT9183H-25PG Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT9183
7
DS9183-12
March 2007
www.richtek.com
Load Transient Response
Time (100us/Div)
-50
50
0
0
1
RT9183H-18CS
COUT = 47uF/Low ESR, ILOAD = 1mA to 1.5A
2
Load Transient Response
RT9183H-18CS
Time (100us/Div)
COUT = 47uF/Low ESR, ILOAD = 1mA to 750mA
-20
20
0
0
0.5
1
Dropout Voltage
0
100
200
300
400
500
0
0.3
0.6
0.9
1.2
1.5
Load Current (A)
TJ = +25°C
TJ = 125°C
TJ = -40°C
RT9183L-33CM5
Dropout Voltage vs. Load Current
Dropout Voltage
0
100
200
300
400
500
0
0.3
0.6
0.9
1.2
1.5
Load Current (A)
TJ = +25°C
TJ = 125°C
TJ = -40°C
RT9183-25CG
Dropout Voltage vs. Load Current
Load Transient Regulation
Time (100us/Div)
COUT = 47uF/Low ESR
ILOAD = 1mA to 750mA
500
0
20
0
RT9183-12CGF
Dropout Voltage vs. Load Current
0
100
200
300
400
0
0.3
0.6
0.9
1.2
1.5
Load Current (A)
TJ= 125°C
TJ= 25°C
TJ= -40°C
RT9183H-CS
VOUT = 3.3V


Similar Part No. - RT9183H-25PG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183H-25CG RICHTEK-RT9183H-25CG Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CM RICHTEK-RT9183H-25CM Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CM5 RICHTEK-RT9183H-25CM5 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-25CS RICHTEK-RT9183H-25CS Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183H-25PG

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com