Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9185APS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9185APS
Description  Triple, Ultra-Fast CMOS LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9185APS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9185APS Datasheet HTML 2Page - Richtek Technology Corporation RT9185APS Datasheet HTML 3Page - Richtek Technology Corporation RT9185APS Datasheet HTML 4Page - Richtek Technology Corporation RT9185APS Datasheet HTML 5Page - Richtek Technology Corporation RT9185APS Datasheet HTML 6Page - Richtek Technology Corporation RT9185APS Datasheet HTML 7Page - Richtek Technology Corporation RT9185APS Datasheet HTML 8Page - Richtek Technology Corporation RT9185APS Datasheet HTML 9Page - Richtek Technology Corporation RT9185APS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9185
6
DS9185-11
March 2007
www.richtek.com
Load Transient Response
Time (500
μs/Div)
0
50
100
0
1
-50
VDD = 5V, VOUT1 = 3.35V
C1 = 2.2uF, C2 = 4.7uF
TA = 25°C
Load Transient Response
Time (500
μs/Div)
0
50
100
0
1
-50
VDD = 5V, VOUT2 = 2.55V
C1 = 2.2uF, C3 = 4.7uF
TA = 25°C
Load Transient Response
Time (500
μs/Div)
0
50
100
0
200
-50
400
VDD = 5V, VOUT3 = 1.5V
C1 = 2.2uF, C4 = 1uF
TA = 25°C
Line Transient Response
Time (100
μs/Div)
0
10
20
4.5
5.5
-10
VDD = 4.5V to 5.5V
VOUT2 = 2.55V
C1 = 2.2uF, C3 = 4.7uF
TA = 25°C
IOUT1 = 400mA
Time (100
μs/Div)
Line Transient Response
Time (100
μs/Div)
0
10
20
4.5
5.5
-10
VDD = 4.5V to 5.5V
VOUT1 = 1.5V
C1 = 2.2uF, C2 = 4.7uF
TA = 25°C
IOUT1 = 150mA
Line Transient Response
0
5
10
4.5
5.5
-5
VDD = 4.5V to 5.5V
VOUT1 = 3.35V
C1 = 2.2uF, C2 = 4.7uF
TA = 25°C
IOUT1 = 500mA


Similar Part No. - RT9185APS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
   150MA LDO REGULATOR WITH POG
RT9181 RICHTEK-RT9181 Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
RT9181-18GB RICHTEK-RT9181-18GB Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
RT9181-18PB RICHTEK-RT9181-18PB Datasheet
124Kb / 10P
   150mA LDO Regulator with PGOOD
RT9181CB RICHTEK-RT9181CB Datasheet
200Kb / 10P
   150MA LDO REGULATOR WITH POG
More results

Similar Description - RT9185APS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
   2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com