Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164A-18PLR Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9164A-18PLR
Description  1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9164A-18PLR Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9164A-18PLR Datasheet HTML 1Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 2Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 3Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 4Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 5Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 6Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 7Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 8Page - Richtek Technology Corporation RT9164A-18PLR Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9164A
1
DS9164A-13 August 2007
www.richtek.com
(TOP VIEW)
1A Fixed and Adjustable Low Dropout Positive Voltage
Regulators
General Description
The RT9164A series of high performance positive voltage
regulators is designed for applications requiring low dropout
performance at fully rated current.Additionally, the RT9164A
series provides excellent regulation over variations in line
and load. Outstanding features include low dropout
performance at rated current, fast transient response,
internal current-limiting, and thermal-shutdown protection
of the output device. The RT9164A series of three terminal
regulators offers fixed and adjustable voltage options
available in space-saving SOT-223, TO-252, and TO-263
packages.
Ordering Information
Features
Low Dropout Performance, 1.4V Max.
Full Current Rating Over Line and Temperature
Fast Transient Response
± 2% Output Voltage Accuracy
1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, and 3.5V Fixed
Adjustable Output Voltage
SOT-223, TO-252, and TO-263 Packages
RoHS Compliant and 100% Lead (Pb)-Free
TO-252 (R-Type)
SOT-223
TO-263
ADJ/GND
VOUT (TAB)
VIN
1
2
3
1
2
3
ADJ/GND
VOUT (TAB)
VIN
1
2
3
ADJ/GND (TAB)
VOUT
VIN
1
2
3
ADJ/GND
VOUT (TAB)
VIN
TO-252
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9164A-
Package Type
G : SOT-223
L: TO-252
LR : TO-252 (R-Type)
M : TO-263
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
Default : Adjustable
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.85V
30 : 3.0V
33 : 3.3V
35 : 3.5V
Applications
Active SCSI Termination
Low Voltage Microcontrollers
Switching Power Supply Post-Regulator
Pin ConFigurations


Similar Part No. - RT9164A-18PLR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164AGG RICHTEK-RT9164AGG Datasheet
245Kb / 14P
   Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature
More results

Similar Description - RT9164A-18PLR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com