Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9182CPES Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9182CPES
Description  Dual, Low-Noise, 200mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182CPES Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9182CPES Datasheet HTML 1Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 2Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 3Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 4Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 5Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 6Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 7Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 8Page - Richtek Technology Corporation RT9182CPES Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9182
5
DS9182-17
March 2007
www.richtek.com
Typical Operating Characteristics
Quiescent Current vs. Load Current
0
30
60
90
120
150
180
0
40
80
120
160
200
Load Current (mA)
Both outputs loaded
Quiescent Current vs. Supply Voltage
0
40
80
120
160
200
240
2.53.5
4.55.5
6.5
Supply Voltage (V)
No Load
ILOAD = 100mA,both outputs
Channel-to-Channel Isolation vs. Frequency
0
20
40
60
80
100
120
Frequency (Hz)
RLOAD = 100
Ω
100
1K
10K
100K
1M
Quiescent Current vs. Temperature
0
50
100
150
200
250
300
-45
-25
-5
15
35
55
75
95
Temperature
VIN = 3.6V
(
°C)
Dropout Voltage vs. Temperature
0
50
100
150
200
250
300
-40
-15
10
35
60
85
Temperature
ILOAD = 200mA
(
°C)
Output Voltage Accuracy vs. Temperature
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
Temperature (
°C)


Similar Part No. - RT9182CPES

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182CPES RICHTEK-RT9182CPES Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
More results

Similar Description - RT9182CPES

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Unisonic Technologies
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com