Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9017-2HPQW Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9017-2HPQW
Description  500mA Peak, Thermal Folded Back CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9017-2HPQW Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9017-2HPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 11Page - Richtek Technology Corporation RT9017-2HPQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9017
Preliminary
8
DS9017-03 August 2007
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9017 must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 1
μF on the RT9017 input and the amount of
capacitance can be increased without limit. The input
capacitor must be located a distance of not more than
0.5 inch from the input pin of the IC and returned to a
clean analog ground. Any good quality ceramic or tantalum
can be used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance) provides
better PSRR and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9017 is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 20mΩ on the
RT9017 output ensures stability. The RT9017 still works
well with output capacitor of other types due to the wide
stable ESR range. Figure 1. shows the curves of allowable
ESR range as a function of load current for various output
capacitor values. Output capacitor of larger capacitance
can reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be located
not more than 0.5 inch from the VOUT pin of the RT9017
and returned to a clean analog ground.
Thermal Considerations
Thermal protection limits power dissipation in RT9017.
When the operation junction temperature exceeds 165
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 30
°C.
RT9017 lowers its OTP trip level from 165
°C to 110°C
when output short circuit occurs (VOUT < 0.4V) as shown
in Figure 2. This limits IC case temperature under 100
°C
and provides maximum safety to end users when output
short circuit occurs.
Figure 1
Enable Function
The RT9017 features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on, the
EN turn on control level must be greater than 1.2 volts.
The LDO regulator will go into the shutdown mode when
the voltage on the EN pin falls below 0.4 volts. For to
protecting the system, the RT9017 have a quick-discharge
function. If the enable function is not needed in a specific
application, it may be tied to VIN to keep the LDO regulator
in a continuously on state.
Figure 2. Short Circuit Thermal Folded Back Protection
when Output Short Circuit Occurs
V
OUT Short to GND
0.4V
V
OUT
I
OUT
TSD
OTP Trip Point
165 C
° 110 C
°
110 C
°
80 C
°
IC Temperature
Region of Stable COUT ESR vs. Load Current
0.00
0.01
0.10
1.00
10.00
100.00
0
100
200
300
400
500
Load Current (mA)
COUT = 1uF
100
10
1
RT9017-15PB
CIN = 1
μF, X7R
Unstable Region
Stable Region
Unstable Region (Simulation Verity)


Similar Part No. - RT9017-2HPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-12GJ6 RICHTEK-RT9010-12GJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-12PJ6 RICHTEK-RT9010-12PJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-13GJ6 RICHTEK-RT9010-13GJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-13PJ6 RICHTEK-RT9010-13PJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
More results

Similar Description - RT9017-2HPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com