Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK10931VTL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK10931VTL
Description  NARROW BAND FM/AM IF SYSTEM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10931VTL Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK10931VTL Datasheet HTML 4Page - TOKO, Inc TK10931VTL Datasheet HTML 5Page - TOKO, Inc TK10931VTL Datasheet HTML 6Page - TOKO, Inc TK10931VTL Datasheet HTML 7Page - TOKO, Inc TK10931VTL Datasheet HTML 8Page - TOKO, Inc TK10931VTL Datasheet HTML 9Page - TOKO, Inc TK10931VTL Datasheet HTML 10Page - TOKO, Inc TK10931VTL Datasheet HTML 11Page - TOKO, Inc TK10931VTL Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Page 8
January 2001 TOKO, Inc.
TK10931V
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
+
Vref
TK10931V
RECT
+
20 k
20 k
1 µF
51 k
1 µF
RECTIFIER FREQUENCY MEASUREMENT CIRCUIT
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
VCC (V)
0
0
2
4
6
8
10
6
8
2
10
4
AM ON
AM OFF
VHYS, COMP IN (V) vs.
SUPPLY VOLTAGE
VCC (V)
0
0
2
4
6
8
10
0.6
0.8
0.2
1.4
0.4
VH
1.0
1.2
VL
VHYS
VHYS
VH
VL
80
FM OUTPUT VOLTAGE, 12 dB SINAD
vs. SUPPLY VOLTAGE
VCC (V)
0
0
2
4
6
8
10
160
40
120
200
0
20
40
60
80
100
VOUT DEV = ±3 kHz
12 dB SINAD
0.8
TOTAL HARMONIC DISTORTION vs.
SUPPLY VOLTAGE
VCC (V)
0.0
0
2
4
6
8
10
1.6
0.4
1.2
2.0
THD (%)
80
AM OUTPUT VOLTAGE vs.
SUPPLY VOLTAGE
VCC (V)
0
0
2
4
6
8
10
160
40
120
200
0
20
40
60
80
100
VOUT DEV = 80%
20 mVrms VOUT
VOUT DEV = 30%


Similar Part No. - TK10931VTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
logo
Murata Manufacturing Co...
TK10930 MURATA1-TK10930 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
TOKO, Inc
TK10930VCBX TOKO-TK10930VCBX Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
TK10930VCMG TOKO-TK10930VCMG Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
TK10930VCTL TOKO-TK10930VCTL Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
More results

Similar Description - TK10931VTL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8670M SANYO-LA8670M Datasheet
192Kb / 10P
   Double-Conversion Narrow-Band FM IF System
logo
Rohm
BA4236L ROHM-BA4236L Datasheet
966Kb / 19P
   FM/AM IF SYSTEM
logo
Daewoo Semiconductor
DBL1011 DAEWOO-DBL1011 Datasheet
256Kb / 5P
   FM/AM IF SYSTEM
logo
Hitachi Semiconductor
HA12413 HITACHI-HA12413 Datasheet
658Kb / 7P
   FM/AM IF SYSTEM
logo
Toshiba Semiconductor
TA7758P TOSHIBA-TA7758P Datasheet
359Kb / 5P
   AM/FM IF SYSTEM
logo
TOKO, Inc
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
   NARROW BAND FM IF IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
   NARROW BAND FM IF IC
logo
Hitachi Semiconductor
HA12442V HITACHI-HA12442V Datasheet
339Kb / 14P
   Narrow Band Width FM-IF
logo
TOKO, Inc
TK10487 TOKO-TK10487 Datasheet
1Mb / 6P
   NARROW BAND FM-IF AMPLIFIER
TK14600 TOKO-TK14600 Datasheet
96Kb / 8P
   NARROW BAND FM IF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com