Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173APS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9173APS
Description  Peak 3A Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173APS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9173APS Datasheet HTML 5Page - Richtek Technology Corporation RT9173APS Datasheet HTML 6Page - Richtek Technology Corporation RT9173APS Datasheet HTML 7Page - Richtek Technology Corporation RT9173APS Datasheet HTML 8Page - Richtek Technology Corporation RT9173APS Datasheet HTML 9Page - Richtek Technology Corporation RT9173APS Datasheet HTML 10Page - Richtek Technology Corporation RT9173APS Datasheet HTML 11Page - Richtek Technology Corporation RT9173APS Datasheet HTML 12Page - Richtek Technology Corporation RT9173APS Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT9173/A
10
DS9173/A-18 March 2007
www.richtek.com
Figure 11. Power Dissipation vs. Copper Area of SOP-8
Package
Figure 12. Power Dissipation vs. Copper Area of
TO-263-5 Package
can be calculated as :
PD(MAX) = (125
°C - 25°C) / (29°C/W) = 3.45W (TO-263-5)
Figure 11 and Figure 12 of power dissipation vs. copper
area allow the designer to see the effect of rising ambient
temperature on the maximum power allowed.
Cooper Area vs. Power Dissipation
0
50
100
150
200
250
300
350
400
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Power Dissipation (W)
TA= 65
°C
TA= 55
°C TA= 25°C
TO-263-5
2S2P thermal test
board
Power Dissipation vs. Copper Area
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Power Dissipation (W)
TA= 65
°C
TA= 55
°C
TA= 25
°C
2S2P thermal test
board
SOP-8


Similar Part No. - RT9173APS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173ACM5 RICHTEK-RT9173ACM5 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173ACS RICHTEK-RT9173ACS Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
More results

Similar Description - RT9173APS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com