Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9018A18PQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9018A18PQW
Description  Maximum 3A, Ultra Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9018A18PQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9018A18PQW Datasheet HTML 2Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 3Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 4Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 5Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 6Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 7Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 8Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 9Page - Richtek Technology Corporation RT9018A18PQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9018A/B
6
DS9018A/B-04
September 2007
www.richtek.com
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
400
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Load Current (A)
125
°C
25
°C
-40
°C
Start Up from VDD
Time (500
μs/Div)
PGOOD
(1V/Div)
VDD
(5V/Div)
IOUT = 3A
VOUT
(1V/Div)
IIN
(2A/Div)
Start Up from VIN
Time (1ms/Div)
PGOOD
(1V/Div)
VIN
(1V/Div)
IOUT = 3A
VOUT
(1V/Div)
IIN
(2A/Div)
Short Circuit Protection
Time (100
μs/Div)
IOUT
(1A/Div)
VDD = 5V, VIN = 1.8V, VOUT = 1.2V
Short Circuit Current vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Start Up from Enable
Time (500
μs/Div)
PGOOD
(1V/Div)
EN
(1V/Div)
IOUT = 3A
VOUT
(1V/Div)
IIN
(2A/Div)


Similar Part No. - RT9018A18PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGQW RICHTEK-RT9018C-XXGQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGSP RICHTEK-RT9018C-XXGSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZQW RICHTEK-RT9018C-XXZQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZSP RICHTEK-RT9018C-XXZSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
More results

Similar Description - RT9018A18PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
logo
Unisonic Technologies
L11831AG-XX-SH2-R UTC-L11831AG-XX-SH2-R Datasheet
215Kb / 6P
   Maximum 3A low-dropout voltage regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com