Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-MPGQW Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9011-MPGQW
Description  Portable Power Management 300mA Dual LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-MPGQW Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9011-MPGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-MPGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9011
Preliminary
2
DS9011-05 August 2007
www.richtek.com
Functional Pin Description
Pin No.
RT9011-□□PQW RT9011-□□PJ6
Pin Name
Pin Function
1
5
VIN
Supply Input.
2
4
EN1
Chip Enable1 (Active High).
3
3
EN2
Chip Enable2 (Active High).
5
2
GND
Common Ground.
7
1
VOUT2
Channel 2 Output Voltage.
8
6
VOUT1
Channel 1 Output Voltage.
4, 6
--
NC
No Internal Connection.
Exposed Pad (9)
--
GND
The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Typical Application Circuit
Code
C
B
F
W
G
D
Y
H
E
J
K
Voltage
1.2
1.3
1.5
1.6
1.8
1.85
1.9
2
2.1
2.5
2.6
Code
T
L
M
N
V
P
Q
R
S
--
--
Voltage
2.65
2.7
2.8
2.85
2.9
3
3.1
3.2
3.3
--
--
Available Voltage Version
EN1
EN2
VOUT2
VOUT1
RT9011
GND
VIN
1uF
V
OUT1
1uF
V
OUT2
1uF
V
IN
Chip Enable
C
IN
C
OUT1
C
OUT2


Similar Part No. - RT9011-MPGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-MBPJ6 RICHTEK-RT9011-MBPJ6 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-MBPQW RICHTEK-RT9011-MBPQW Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-MFPQW RICHTEK-RT9011-MFPQW Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-MGGJ6 RICHTEK-RT9011-MGGJ6 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-MGGQW RICHTEK-RT9011-MGGQW Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-MPGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com