Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-CMGQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9011-CMGQW
Description  Portable Power Management 300mA Dual LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-CMGQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9011-CMGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 9Page - Richtek Technology Corporation RT9011-CMGQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9011
Preliminary
6
DS9011-05 August 2007
www.richtek.com
Typical Operating Characteristics
Quiescent Current vs. Temperature
50
55
60
65
70
-50
-25
0
25
50
75
100
125
Temperature
RT9011-GS
VIN = VEN = 4.3V
CIN = COUT1 = COUT2 = 1uF/X7R
(
°C)
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Load Current (mA)
RT9011-GS, VOUT2
TJ = 25
°C
TJ = -40
°C
TJ = 125
°C
Power-On
Time (10
μs/Div)
RT9011-FM
Both ILOAD = 10mA
VEN
(5V/Div)
VOUT2
(2V/Div)
VOUT1
(1V/Div)
POR
(5V/Div)
PSRR
-80
-60
-40
-20
0
20
10
100
1000
10000
100000
1000000
Frequency (Hz)
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 50mA
RT9011-FM, VOUT1
VIN = 4.3V
± 0.1V
CIN = COUT1 = COUT2 = 1uF/X7R
0.01
0.1
1
10k
100k
1000k
(Hz)
Output Voltage vs. Temperature
1.7
1.75
1.8
1.85
1.9
-50
-25
0
25
50
75
100
125
Temperature
RT9011-GS, VOUT1
(
°C)
Output Voltage vs. Temperature
3.2
3.25
3.3
3.35
3.4
-50
-25
0
25
50
75
100
125
Temperature
RT9011-GS, VOUT2
(
°C)


Similar Part No. - RT9011-CMGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-CBGJ6 RICHTEK-RT9011-CBGJ6 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-CCPJ6 RICHTEK-RT9011-CCPJ6 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-CCPQV RICHTEK-RT9011-CCPQV Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-CCPQWC RICHTEK-RT9011-CCPQWC Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-CGGJ6 RICHTEK-RT9011-CGGJ6 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-CMGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011_11 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com