Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9170-32PV Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9170-32PV
Description  300mA, 15關A Quiescent Current CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9170-32PV Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9170-32PV Datasheet HTML 2Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 3Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 4Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 5Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 6Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 7Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 8Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 9Page - Richtek Technology Corporation RT9170-32PV Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9170
6
DS9170-11
March 2007
www.richtek.com
Current Limit vs. Temperature
0.60
0.80
1.00
1.20
1.40
1.60
-50
-25
0
255075
100
125
Temperature
VIN = 5V
VOUT = 3.3V
RL = 1
Ω
(°C)
Current Limit
2.0
1.0
1.5
2.5
0.5
0
Time (5ms/Div)
CIN = 10uF (Ceramic) X5R
COUT = 10uF (Ceramic) X5R
3.0
VIN = 5V
RL = 1
Ω
0
1
2
3
1
0
Time (5ms/Div)
Enable Respone
VIN = 5V
VOUT = 3.3V
CIN = 1uF(Ceramic)
COUT = 1uF(Ceramic)
ILOAD = 300mA
2
Enable Respone
0
2
4
6
2
0
Time (25ms/DIV)
VIN = 5V
VOUT = 3.3V
CIN = 1uF (Ceramic)
COUT = 1uF (Ceramic)
ILOAD = 300mA
PSRR
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
VIN = 3.5V
VOUT = 2.5V
COUT = 1uF (Ceramic)
ILOAD = 10mA
ILOAD = 250mA
10
100
1K
10K
100K
1M
(°C)
Load Regulation Deviation vs. Temperature
-0.0045
-0.004
-0.0035
-0.003
-0.0025
-0.002
-0.0015
-0.001
-0.0005
0
-35
-15
5
25
45
65
85
105
125
Temperature
VOUT = 2.5V


Similar Part No. - RT9170-32PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172 RICHTEK-RT9172 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172-15CG RICHTEK-RT9172-15CG Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172-15CM RICHTEK-RT9172-15CM Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT9170-32PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
AiT Semiconductor Inc.
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com