Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9163-50GX Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9163-50GX
Description  500mA Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9163-50GX Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9163-50GX Datasheet HTML 1Page - Richtek Technology Corporation RT9163-50GX Datasheet HTML 2Page - Richtek Technology Corporation RT9163-50GX Datasheet HTML 3Page - Richtek Technology Corporation RT9163-50GX Datasheet HTML 4Page - Richtek Technology Corporation RT9163-50GX Datasheet HTML 5Page - Richtek Technology Corporation RT9163-50GX Datasheet HTML 6Page - Richtek Technology Corporation RT9163-50GX Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RT9163
3
DS9163-24
March 2007
www.richtek.com
Absolute Maximum Ratings
Input Voltage ------------------------------------------------------------------------------------------------------------ 15V
Power Dissipation, PD @ TA = 25°C
TO-92 --------------------------------------------------------------------------------------------------------------------- 0.625W
SOT-89 ------------------------------------------------------------------------------------------------------------------- 0.571W
SOT-223 ----------------------------------------------------------------------------------------------------------------- 0.740W
TO-252 ------------------------------------------------------------------------------------------------------------------- 1.471W
Package Thermal Resistance (Note 4)
TO-92,
θJA --------------------------------------------------------------------------------------------------------------- 160°C/W
SOT-89,
θJC ------------------------------------------------------------------------------------------------------------- 48°C/W
SOT-89,
θJA ------------------------------------------------------------------------------------------------------------- 175°C/W
SOT-223,
θJC ----------------------------------------------------------------------------------------------------------- 19°C/W
SOT-223,
θJA ------------------------------------------------------------------------------------------------------------ 135°C/W
TO-252,
θJC ------------------------------------------------------------------------------------------------------------- 7.5°C/W
TO-252,
θJA -------------------------------------------------------------------------------------------------------------- 68°C/W
Operating Junction Temperature Range --------------------------------------------------------------------------
40°C to 125°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
Electrical Characteristics
(VIN = 5V, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RT9163-33
3.235
3.300
3.365
RT9163-35
3.430
3.500
3.570
Output Voltage
(Note 1)
RT9163-50
VOUT
VIN = 7V
4.900
5.000
5.100
V
RT9163-33
RT9163-35
VIN = 5V ~ 15V
--
0.1
0.4
Line Regulation
(Note 1)
RT9163-50
ΔVLINE
VIN = 7V ~ 15V
--
0.1
0.4
%
Load Regulation
(Note 1)
ΔVLOAD IL = 0 ~ 500mA
--
0.2
0.4
%
Dropout Voltage
(Note 2)
VDROP
ΔVOUT = 1%
--
1.3
1.4
V
Current Limit
ILIM
Load = 1
Ω
550
--
--
mA
Quiescent Current
IQ
--
4.5
8
mA
Temperature Coefficient
TC
--
0.005
--
%/
°C
Temperature Stability
TS
--
0.5
--
%
RMS Output Noise
(Note 3)
--
0.003
--
%/VOUT
Note 1. Low duty cycle pulse tested with Kelvin connections.
Note 2. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Note 3. Bandwidth of 10 Hz to 10 kHz.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard. The case point of
θJC is on the center of the exposed pad.


Similar Part No. - RT9163-50GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163-50CG RICHTEK-RT9163-50CG Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-50CGF RICHTEK-RT9163-50CGF Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-50CGL RICHTEK-RT9163-50CGL Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-50CGT RICHTEK-RT9163-50CGT Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
RT9163-50CL RICHTEK-RT9163-50CL Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - RT9163-50GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com