Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164A-35PG Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9164A-35PG
Description  1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9164A-35PG Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9164A-35PG Datasheet HTML 3Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 4Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 5Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 6Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 7Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 8Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 9Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 10Page - Richtek Technology Corporation RT9164A-35PG Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9164A
7
DS9164A-13 August 2007
www.richtek.com
Typical Operating Characteristics
Current Limit vs. Temperature
1.5
1.6
1.7
1.8
1.9
2
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
VOUT = 2.5V, RL = 1
Ω
ADJ Pin Current vs. Temperature
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
R1 = R2 = 100
Ω
RL =
Output Voltage vs. Temperature
1.4
1.8
2.2
2.6
3
3.4
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
RL =
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.5V
Current Limit vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
2
4
6
8
10
12
14
Input Voltage (V)
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
VOUT = 2.5V, RL = 1
Ω
Quiescent Current vs. Temperature
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
RL =
VOUT = 2.5V
Reference Voltage vs. Temperature
1.23
1.24
1.25
1.26
1.27
-50
-25
0
25
50
75
100
125
Temperature
(°C)
VIN = 5V
CIN
= 10uF Electrolytic
CO = 10uF Tantalum
R1 = R2 = 100
Ω
RL =


Similar Part No. - RT9164A-35PG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164AGG RICHTEK-RT9164AGG Datasheet
245Kb / 14P
   Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature
More results

Similar Description - RT9164A-35PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com